Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS2196LN Datasheet(PDF) 39 Page - Dallas Semiconductor

No. de pieza DS2196LN
Descripción Electrónicos  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DALLAS [Dallas Semiconductor]
Página de inicio  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196LN Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS2196LN Datasheet HTML 35Page - Dallas Semiconductor DS2196LN Datasheet HTML 36Page - Dallas Semiconductor DS2196LN Datasheet HTML 37Page - Dallas Semiconductor DS2196LN Datasheet HTML 38Page - Dallas Semiconductor DS2196LN Datasheet HTML 39Page - Dallas Semiconductor DS2196LN Datasheet HTML 40Page - Dallas Semiconductor DS2196LN Datasheet HTML 41Page - Dallas Semiconductor DS2196LN Datasheet HTML 42Page - Dallas Semiconductor DS2196LN Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
DS2196
39 of 157
Framer Loopback A
When CCR1A.0 is set to a 1, the A Framer/Formatter will enter a Framer Loopback (FLB) mode. This
loopback is useful in testing and debugging applications. In FLB, the DS2196 will loop data from the
transmit side back to the receive side. When FLB is enabled, the following will occur:
1. An unframed all 1’s code will be transmitted at TPOSOA and TNEGOA outputs
2. Data at RPOSIA and RNEGIA will be ignored
3. All receive side signals will take on timing synchronous with TCLKOA instead of RCLKIA.
NOTE:
The signals RCLKA and TCLKA cannot be the same clock during this loopback because this will cause
an unstable condition.
Framer Loopback B
When CCR1B.0 is set to a 1, the B Framer/Formatter will enter a Framer Loopback (FLB) mode. This
loopback is useful in testing and debugging applications. In FLB, the DS2196 will loop data from the
transmit side back to the receive side. When FLB is enabled, the following will occur:
1. An unframed all 1’s code will be transmitted at TPOSOB and TNEGOB outputs
2. Data at RPOSIB and RNEGIB will be ignored
3. All receive side signals will take on timing synchronous with TCLKOB instead of RCLKIB.
NOTE:
The signals RCLKB and TCLKB cannot be the same clock during this loopback because this will cause
an unstable condition.