Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0809082000 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

No. de pieza 0809082000
Descripción Electrónicos  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

0809082000 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button 0809082000 Datasheet HTML 82Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 83Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 84Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 85Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 86Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 87Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 88Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 89Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 164 page
background image
www.Rose-Bopla.com
84
The increasing mobility prevalent in all areas of industry
requires portable hand enclosures. Materials, sizes and
versions vary depending on the application area. Cable-
connected systems made of robust Polyamide or Polyester
with high ingress protection are in use, especially in
automation engineering. In contrast, the data adquisition and
instrumentation industries prefer to use light enclosures with
integrated power supplies. The range of hand held enclosure
products covers all areas of mobile applications.
Handheld Enclosures
Taguan 130 / 180 / 230
• 8 enclosures in four sizes from 125 x 80 x 37 mm to 229 x 97 x 52 mm
• Application area: data acquisition, instrumentation
Beluga 180 / 220 / 380
• 5 enclosures in three sizes from 106 x 187 x 50 mm to 380 x 117 x 68 mm
• Application area: instrumentation and automation engineering, analytical control
Limanda
• Enclosure system for controller components, sizes 270 x 248 x 64 mm and 311 x 281 x 72 mm
• Application area: analytical control and automation engineering
Pilot 250
• 2 enclosures in size 280 x 140 x 86 mm
• Application area: instrumentation and automation engineering, analytical control
Mobile Control Units 2911, 2912, 2913
• 3 enclosures in sizes 280 x 191 x 76 mm to 440 x 191 x 76 mm
• Application area: instrumentation and automation engineering, analytical control
Mobile Control Units
• 3 enclosures with integrated handles in sizes 190 x 70 x 93 mm to 295 x 164 x 116 mm
• Application area: pushbutton and switch enclosures
Mobile Control Units 2921
• 5 enclosures with integrated handle in sizes 206 x 85 x 85 mm to 281 x 160 x 105 mm
• Application area: pushbutton and switch enclosures
Alubos
• 20 profiles are available with profiles that are closed, split horizontally, and/or open on one side,
for ergonomic hand-held enclosure designs.
• High mechanical loading capacity of the profile and EMC screening ensure high level of protective
functions
Tastomat
• 2 enclosures in sizes 251 x 91 x 46 mm to 251 x 91 x 80 mm
• Application area: ideal for pushbutton or membrane keypad application
ARTEB
• 6 basic enclosures in sizes from 78 x 45 x 18 mm to 236 x 125 x 41mm
• Application area: ideal for applications requiring a display screen or membrane keypad
BOS
• 9 enclosures in sizes from 100 x 65 x 24 mm to 224 x 106 x 40 mm
• Application area: cost-effective handheld enclosure for mobile data collection and processing
applications
BOS-Streamline
• 3 enclosures in sizes from 119.3 x 64.9 x 26.5 mm to 209.3 x 98.0 x 34.8 mm
• Application area: ideal for applications requiring a display screen or membrane keypad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com