| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
55PC1221 Datasheet(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
55PC1221 Datasheet(HTML) 1 Page - Tyco Electronics |
|
1 / 2 page ![]() Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice. Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer. 1 / COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER, AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: “901/902...” MAY BE REPLACED BY “Axxx”.) OTHER CODES AND SUFFIXES MAY BE ADDED TO THE PART NUMBER, AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER. Page 1 of 2 The TE logo, Tyco Electronics and Raychem are trademarks. Raychem Wire & Cable 501 Oakside Avenue Redwood City, CA 94063-3800 Phone: 1-800-227-8816 Fax: 1-650-361-6297 DIMENSIONS ARE IN INCHES, AND UNLESS OTHERWISE DESIGNATED ARE NOMINAL THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN. REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID. © 2007 Tyco Electronics Corporation. All rights reserved. COMPONENT WIRES - 55PC0211 SHIELD - TIN-COATED COPPER JACKET - RADIATION-CROSSLINKED, MODIFIED ETFE SPECIFICATION CONTROL DRAWING 55PC1221 TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT 10-24-07 D This specification sheet forms a part of the latest issue of Raychem Specification 55PC. TITLE Date Revision CONSTRUCTION DETAILS PART NUMBER 1/ CONDUCTOR SIZE (AWG) SHIELD SIZE (AWG) JACKET THICKNESS ( in. ) DIAMETER ( in. ) WEIGHT ( lbs/1000 ft. ) LOWER SPEC LIMIT TARGET WALL LOWER SPEC LIMIT TARGET VALUE UPPER SPEC LIMIT TARGET VALUE UPPER SPEC LIMIT 55PC1221-26-* 26 38 .0050 .0065 .096 .100 .104 7.62 8.02 55PC1221-24-* 24 38 .0050 .0065 .105 .109 .113 9.34 9.75 55PC1221-22-* 22 38 .0055 .0070 .118 .122 .127 12.02 12.50 55PC1221-20-* 20 38 .0055 .0070 .135 .139 .144 16.02 16.56 55PC1221-18-* 18 38 .0055 .0070 .154 .158 .163 21.57 22.25 55PC1221-16-* 16 38 .0060 .0075 .169 .174 .179 26.21 26.96 55PC1221-14-* 14 38 .0060 .0075 .199 .204 .209 37.10 38.07 55PC1221-12-* 12 38 .0060 .0080 .238 .243 .248 53.45 54.60 55PC1221-10-* 10 36 .0065 .0085 .289 .296 .303 82.84 84.67 |
Número de pieza similar - 55PC1221 |
|
Descripción similar - 55PC1221 |