| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1309000000 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
1309000000 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 164 page ![]() For Secondary Services, Product Support, or To Order, Call 1-301-696-9800 11 • • • • • • • • • • • • • • • Aluminum enclosure system for automation engineering • Lid designed for membrane keypads and overlays • Rectangular dome sequence in cover and base Aluform, Unpainted Included in delivery Aluminum enclosure consisting of lid, base, captive stain- less steel lid screws, and removable polyurethane gasket Technical Data Material Ingress Protection Impact Resistance Temperature Resistance Painting Color Al Si 12, DIN 1725 IP 66 to EN 60529 >7 Nm, EN 50014 Polyurethane seal: -40°F to +194°F Neoprene seal: -40°F to +212°F Silicone seal: -76°F to +266°F RFI gasket: -40°F to +392°F Powdercoating Agate gray, similar to RAL 7038, special colors on request Part Number Dimensions mm Dimensions Inches Mounting Plate 1) External brackets pair External aluminum hinges, pair 3) EMC screening Corrosion resistant Allen lid screws 2) 04080808 85 04081208 85 04101006 85 04101606 85 04102006 85 04121208 85 04121608 85 04141407 85 04141807 85 04142207 85 04161608 85 04162408 85 04202007 85 04202807 85 W x L x H Accessories (Painted) External brackets, pair for 0408 External brackets, pair for 0410 External brackets, pair for 0412 External brackets, pair for 0414 External brackets, pair for 0416 External brackets, pair for 0420 Console holder for wall or table mounting 98 mm wide, for type 0410 Console holder for wall ot table mounting 138 mm wide, for type 0414 External hinges, pair, unpainted 04000080 00 04000001 00 04002001 00 04004001 00 04006001 00 04000002 00 04300009 00 04300014 00 04000010 85 W x L x H TS 15 • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • TS 35 80 x 80 x 80 80 x 120 x 80 100 x 100 x 60 100 x 160 x 60 100 x 200 x 60 120 x 120 x 80 120 x 160 x 80 140 x 140 x 70 140 x 180 x 70 140 x 220 x 70 160 x 160 x 80 160 x 240 x 80 200 x 200 x 70 200 x 280 x 70 3.15 x 3.15 x 3.15 4.72 x 3.15 x 3.19 3.94 x 3.94 x 2.40 3.94 x 6.30 x 2.40 3.94 x 7.87 x 2.40 4.72 x 4.72 x 3.19 6.30 x 4.72 x 3.19 5.51 x 5.51 x 2.80 5.51 x 7.09 x 2.80 5.51 x 8.66 x 2.80 6.30 x 6.30 x 3.19 9.45 x 6.30 x 3.19 7.87 x 7.87 x 2.80 7.87 x 11.02 x 2.80 TS DIN rails for terminals 1) Phenolic 2) Stainless steel 3) Cast aluminum UL 50 Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only. |