| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DKA103M2 Datasheet(PDF) 2 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
DKA103M2 Datasheet(HTML) 2 Page - Amphenol Corporation |
|
2 / 8 page ![]() 2 Type DK Specifications Chip thermistor in DO-35 glass package Options • Other resistance values within the ranges shown; e.g. code DKA302*2 for 3000 Ω ±2% at 77°F (25°C) • Reference temperatures in the range 0°F to 302°F (-18°C to 150°C) • Operation to 572°F (300°C) (no solder coating on wires) • Wire lengths 0.16 in to 1.26 in (4 mm to 32 mm) ±0.04 in (±1 mm) for DK-N; up to 1.02 in (26 mm) for DK-H Coding Replace * in the codes shown below as follows: • Axial, loose-packed: N • Axial, bandoliered: B • Radial, loose-packed: H • Surface mount, loose-packed: M R25 Ω Material system B 25/85 K Code R25 ±2% Code R25 ±3% Code R25 ±5% Code R25 ±10% 2000 2 3540 ±1% DKA202*2 DKA202*3 DKA202*5 DKA202*10 5000 2 3540 ±1% DKA502*2 DKA502*3 DKA502*5 DKA502*10 10,000 2 3540 ±1% DKA103*2 DKA103*3 DKA103*5 DKA103*10 10,000 5A 3730 ±2% DKC103*3 DKC103*5 DKC103*10 12,000 5A 3730 ±2% DKC123*2 DKC123*3 DKC123*5 DKC123*10 10,000 3 3960 ±1% DKF103*2 DKF103*3 DKF103*5 DKF103*10 20,000 3 3960 ±1% DKF203*2 DKF203*3 DKF203*5 DKF203*10 30,000 3 3960 ±1% DKF303*2 DKF303*3 DKF303*5 DKF303*10 50,000 3 3960 ±1% DKF503*2 DKF503*3 DKF503*5 DKF503*10 100,000 3 3960 ±1% DKF104*2 DKF104*3 DKF104*5 DKF104*10 200,000 G 4263 ±2% DKG204*5 DKG204*10 500,000 D 4573 ±2% DKD504*5 DKD504*10 1,000,000 D 4573 ±2% DKD105*5 DKD105*10 Data • Operating temperature: -40°F to 482°F (-40°C to 250°C) • Thermal time constant: 7 seconds (cooling in air) • Dissipation factor: 3.0 mW/K • Mass: 0.2 g • Packing/MOQ: 1000/box (loose), 5000/reel (bandoliered) NTC Type DK wires should not be bent within 0.08 in (2 mm) of glass body 0.1 in (2.8 mm) nominal DK-N 0.08 in (2 mm) maximum 0.02 in (0.5 mm) nominal 0.08 in (2 mm) nominal 0.16 in (4 mm) maximum 1.06 in (27 mm) minimum 0.2 in (4.2 mm) maximum Inside radius 0.05 in (1.2 mm) nominal 0.8 in (19.5 mm) ±1 Ø 0.02 in (0.5 mm) DK-H See separate tables for resistance-temperature data.. Consult factory for additional tolerance requirements. |