| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M30-06E-A-2-R Datasheet(PDF) 2 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
M30-06E-A-2-R Datasheet(HTML) 2 Page - Amphenol Corporation |
|
2 / 4 page ![]() Operation The pressure sensing element is a differential capacitance cell for pressure measurements ranging from 0.1 in to 5 in (3.04 mm to 127 mm) of water (25 kPa to 1.0 kPa), or piezoresistive (silicon) sensors for pressure measurements ranging from 5 in (127 mm) of water to 10 in (1.0 kPa to 2.5 kPa). The capacitance cell is capable of sensing very low, negative or differential pressures. A very lightweight, responsive diaphragm within the cell deflects a small amount when a small pressure is applied. This deflection results in a change in capacitance which is then detected and amplified electronically. The piezoresistive sensor is a solid state device designed in a Wheatstone bridge configuration. When pressure is applied to the device, the resistance of the bridge changes by a small amount. The output of the bridge is ratiometric to the supply voltage, and a small change in resistance is detected as a change in output voltage. Standard Pressure Ranges US Units Pressure Code Pressure Range Maximum Safe Momentary Overpressure 03E 0to0.300inH20 - 04E 0to0.500inH20 - 05E 0to1.00inH20 - 06E 0 to 2.00 in H20 20 inH2O 07E 0to3.00inH20 - 08E 0to5.00inH20 - Metric Units, Millimeters of Water Pressure Code Pressure Range Maximum Safe Momentary Overpressure 03M 0to7.50mmH20 - 04M 0to10.00mmH20 - 05M 0to25.0mmH20 - 06M 0 to 50.0 mm H20 500 mm 07M 0to75.0mmH20 - 08M 0to100mmH20 - Metric Units, Pascal Pressure Code Pressure Range Maximum Safe Momentary Overpressure 03P 0to75.0Pa - 04P 0to100.0Pa - 05P 0to250Pa - 06P 0 to 500 Pa 5 kPa 07P 0to750Pa - 08P 0to1.00kPa - |