Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC6301 Datasheet(PDF) 21 Page - Analog Devices

No. de pieza HMC6301
Descripción Electrónicos  Programmable baseband gain and filter bandwidth
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

HMC6301 Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC6301 Datasheet HTML 16Page - Analog Devices HMC6301 Datasheet HTML 17Page - Analog Devices HMC6301 Datasheet HTML 18Page - Analog Devices HMC6301 Datasheet HTML 19Page - Analog Devices HMC6301 Datasheet HTML 20Page - Analog Devices HMC6301 Datasheet HTML 21Page - Analog Devices HMC6301 Datasheet HTML 22Page - Analog Devices HMC6301 Datasheet HTML 23Page - Analog Devices HMC6301 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
HMC6301
Rev. A | Page 21 of 24
APPLICATIONS INFORMATION
For more information about the HMC6301 evaluation kit, see
the EK1HMC6350 User Guide. The EK1HMC6350 contains all
that is required to set up a simplex 60 GHz millimeterwave link
using standard RF cable interfaces for baseband input and
output. The kit comes with two motherboard printed circuit
boards (PCBs) that provide on-board crystals, USB interface,
supply regulators, and SMA cables for connectorized I/Q
interfaces. Software is supplied to allow the user to read from
and write to all chip level registers using graphical user interface
(GUI) or to upload previously saved register settings.
600-01362-00-1
RX IN
EXTLO_P EXTLO_N
RX MODULE
C1
C7
C14
C13
C11
C9
C10
C4
C5
C3
J1
U1
J2
J3
C15
Figure 19. HMC6301 (600-01362-00-1) Evaluation PCB Daughter Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24