| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ACT2802B Datasheet(PDF) 1 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT2802B Datasheet(HTML) 1 Page - Active-Semi, Inc |
|
1 / 25 page ![]() FEATURES Dedicated Single Chip Solution for Mobile Power With Minimal Component Count 5V/2.5A Constant Output Current Limit in Boost Mode 2.5A Switching Charger Current Limit Programmable 4.1V to 4.35V Battery Voltage 95% Boost Efficiency (Vbat=4.1V) Adaptive to 10mA-2400mA Input Sources Battery Disconnection at Output Short <10µA Low Battery Leakage Current at HZ Mode During Storage Boost Auto Turn-off at No Load and Push Button Turn-on Battery Over Current, Over Voltage, Over Temperature and Short Circuit Protections Boost Auto Startup with Load Detection Up to 3.0A Input Current Limit with Prioritized Power Path to Output 5V+/-100mV Output Voltage in Boost Mode 1.1MHz/0.55MHz Switching Frequencies 2.2uH Inductor and Low Profile Ceramic Capacitor 4 LEDs Battery Level and Status Indication Battery Impedance Compensation Full Cycle of Battery Charge Management Preconditioning, Fast Charge, Top off and End of Charge Charge Current Foldback at 110°C Die Temperature IC Over Temperature Protection at 160°C QFN4x4-24 Package APPLICATIONS Backup Battery Pack Power Bank Mobile Power Standalone Battery Charger with USB Output GENERAL DESCRIPTION ACT2802/ACT2802B/ACT2802C is a space-saving and high-performance low-profile single-chip solution for backup battery pack and standalone battery charger. ACT2802/ACT2802B/ACT2802C integrates all the functions that a backup battery pack needs, including switching charger, boost converter and LED indication. ACT2802/ACT2802B/ACT2802C operates at 1.1MHz for switching charger and 0.55MHz for boost converter allowing tiny external inductor and capacitors. ACT2802/ACT2802B/ACT2802C provides a direct power path from input to output with programmable current limit while providing power to switching charger. Output has higher priority than battery charger if the programmed input current limit is reached. ACT2802/ACT2802B/ACT2802C charges battery with full cycle of preconditioning, fast charge with constant current and constant voltage until end of charge. The battery charger is thermally regulated at 110°C with charge current foldback. ACT2802/ACT2802B/ACT2802C boost converter steps battery voltage up to 5V. Boost converter features high efficiency, constant current regulation, short circuit protection and over voltage protection. ACT2802/ACT2802B/ACT2802C provides 3.5mA constant currents to drive 4 LEDs to indicate battery level and charge status. Battery impedance is compensated for battery level indication. 5V/2.5A Backup Battery Pack Manager Rev 7, 15-Jul-16 ACT2802/ACT2802B/ACT2802C Output Current (A) 0 0.3 0.6 0.9 2.1 2.4 2.7 1.2 1.5 1.8 5.5 5.0 4.5 4.0 3.5 3.0 Boost CC/CV Profile VBAT =4.1V VBAT =3.2V VBAT =3.7V Innovative PowerTM - 1 - www.active-semi.com Copyright © 2016 Active-Semi, Inc. |
Número de pieza similar - ACT2802B |
|
Descripción similar - ACT2802B |