| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADP1050ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1050ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices |
|
28 / 93 page ![]() Data Sheet ADP1050 First Flag ID Recording When the ADP1050 registers one or several fault conditions, it stores the first flag in a dedicated first flag ID register (Register 0xFEA6). The first flag ID represents the first flag that triggers a shutdown response. The following types of flags are not recorded in the first flag ID register: • Flags that are configured to be ignored • Flags that have a configured response causing the PWM outputs to be disabled, but that do not use a soft start to reenable the PWM outputs after the fault is resolved • Flags that have a configured response causing the synchronous rectifiers to be disabled The first flag ID register gives the user more information for fault diagnosis than a simple flag. This register also stores the previous first fault ID. The status of the first flag ID register can be saved to the EEPROM, as well, by setting Register 0xFE0C[3]. To limit the number of writes to the EEPROM, only the first flag after a VDD power reset can be saved to the EEPROM. During the next VDD power-on, the first flag ID is downloaded from the EEPROM and loaded to the first flag ID register (Register 0xFEA6). Figure 29 shows the timing diagram for the first flag ID recording scheme. Table 7 describes the actions shown in Figure 29. VDD FLAG Y FLAG Z POWER SUPPLY STATUS FIRST FLAG ID (CURRENT) FIRST FLAG ID (PREVIOUS) EEPROM UPDATE t0 t1 t3 t5 t2 t4 t7 t9 t6 t8 Y X Z X 0 Y Figure 29. First Flag Timing Table 7. First Flag ID Timing1 Step Action Power Supply First Flag ID in Register First Flag ID in EEPROM Previous ID Current ID Previous ID Current ID t0 As an example, the previous ID and the current ID in the EEPROM are 0 and Flag X, respectively. When the VDD voltage is applied on the ADP1050, the first flag ID is downloaded from the EEPROM to the first flag ID register (Register 0xFEA6). On 0 Flag X 0 Flag X t1 A fault (Flag Y) shuts down the power supply. In the first flag ID register, Flag Y is now the current flag ID, and Flag X is the previous flag ID. The first flag ID register is updated accordingly. The EEPROM is then updated to save this information. Off Flag X Flag Y Flag X Flag Y t2 Another fault (Flag Z) occurs while the power supply is off. Because Flag Z is not the first flag that caused the shutdown, neither the first flag ID register nor the EEPROM is updated. Off Flag X Flag Y Flag X Flag Y t3 Flag Y is cleared, but Flag Z keeps the power supply off. The first flag ID register and the EEPROM are not updated. Off Flag X Flag Y Flag X Flag Y t4 Flag Z is cleared. The first flag ID register is not updated. Off Flag X Flag Y Flag X Flag Y t5 The power supply is turned on again after the flag reenable delay. The first flag ID register is not updated. On Flag X Flag Y Flag X Flag Y t6 The fault indicated by Flag Z shuts down the power supply. Flag Z is now the current first flag ID, and Flag Y is the previous flag ID. The first flag ID register is updated accordingly. The EEPROM is not updated to save the information. Off Flag Y Flag Z Flag X Flag Y t7 Flag Z is cleared. The first flag ID register is not updated. Off Flag Y Flag Z Flag X Flag Y t8 The power supply is turned on again after the flag reenable delay. The first flag ID register is not updated. On Flag Y Flag Z Flag X Flag Y t9 The VDD voltage is removed and the power supply is turned off. Off N/A N/A N/A N/A 1 N/A means not applicable. Rev. A | Page 27 of 92 |