| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KBPC8005-KBPC810 Datasheet(PDF) 1 Page - Kingtronics International Company |
|
|
|||||||||||||||||||||||||||||
KBPC8005-KBPC810 Datasheet(HTML) 1 Page - Kingtronics International Company |
|
1 / 2 page ![]() 1 SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 8.0 Ampere FEATURES High forward surge current capability Ideal for printed circuit board High isolation voltage from case to leads High temperature soldering guaranteed: 260°C /10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA Case: Molded plastic body Terminal: Lead solderable per MIL-STD-202E method 208C Polarity: Polarity symbols molded on case Mounting: Thru hole for #6 screw, 5.0 in.-lbs torque max Weight:0. 20ounce, 5.62 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25℃ ambient temperature unless otherwise specified , Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20% PARAMETER SYMBOL KBPC 8005 KBPC 801 KBPC 802 KBPC 804 KBPC 806 KBPC 808 KBPC 810 UNIT Maximum Repetitive Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 Volts Maximum RMS Voltage VRRM 35 70 140 280 420 560 700 Volts Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 Volts Maximum Average Forward Rectified Output Current at TC=100 ℃ I(AV) 8.0 Amps Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM 175 Amps Rating for Fusing(t<8.3ms) I 2t 64 A 2 S Maximum Instantaneous Forward Voltage at 4.0A VF 1.0 Volts Maximum DC Reverse Current at rated DC blocking voltage TA=25℃ IR 5.0 uAmps TA=125℃ 1.0 mAmps Isolation Voltage from case to leads VISO 2500 VAC Typical Thermal Resistance (Note 1) RθJC 6.0 ℃/W Operating Temperature Range TJ -55 to +150 ℃ Storage Temperature Range TSTG -55 to +150 ℃ 1- Unit mounted on 8.7”×8.7”×0.24” thick (22×22×0.6 cm) Al. plate. KBPC8005 THRU KBPC810 BR-8 Website: www.kingtronics.com Email: info@kingtronics.com Tel: (852) 8106 7033 Fax: (852) 8106 7099 Dimensions in inches and (millimeters) |
Número de pieza similar - KBPC8005-KBPC810 |
|
Descripción similar - KBPC8005-KBPC810 |