Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

No. de pieza ADRF6820ACPZ-R7
Descripción Electrónicos  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 33 of 45
Address: 0x10, Reset: 0xFE7F, Name: PWRDWN_MASK
Table 23. Bit Descriptions for PWRDWN_MASK
Bits
Bit Name
Settings
Description
Reset
Access
10
DMOD_MASK
Demodulator (DMOD) enable
0x1
RW
9
QUAD_DIV_MASK
Quadrature divider path enable (2×/4×/8× LO)
0x1
RW
8
LO_DRV2X_MASK
External 2× LO driver enable—before quad divider
0x0
RW
7
LO_DRV1X_MASK
External 1× LO driver enable—after quad divider
0x0
RW
6
VCO_MUX_MASK
VCO mux enable
0x1
RW
5
REF_BUF_MASK
Reference buffer enable
0x1
RW
4
VCO_MASK
Power up VCOs
0x1
RW
3
DIV_MASK
Power up dividers
0x1
RW
2
CP_MASK
Power up charge pump
0x1
RW
1
VCO_LDO_MASK
Power up VCO LDO
0x1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45