Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4500-2ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

No. de pieza ADA4500-2ACPZ-R7
Descripción Electrónicos  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4500-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
ADA4500-2
Data Sheet
Rev. A | Page 18 of 24
TA = 25°C, unless otherwise noted.
VIN (V rms)
100
10
1
0.1
0.01
0.001
0.0001
0.001
100
10
1
0.1
0.01
ADA4500-2
VSY = 2.7V
VCM = VSY/2
AV = +1
80kHz LOW-PASS FILTER
RL = 10kΩ
Figure 55. THD + Noise vs. Amplitude, VSY = 2.7 V
FREQUENCY (Hz)
1
0.0001
0.001
0.01
0.1
10
100k
10k
1k
100
ADA4500-2
VSY = 2.7V
AV = +1
80kHz LOW-PASS FILTER
RL = 10kΩ
VIN = 0.7V rms
Figure 56. THD + Noise vs. Frequency, VSY = 2.7 V
VIN (V rms)
100
10
1
0.1
0.01
0.001
0.0001
0.001
100
10
1
0.1
0.01
ADA4500-2
VSY = 5.0V
VCM = VSY/2
AV = +1
80kHz LOW-PASS FILTER
RL = 10kΩ
Figure 57. THD + Noise vs. Amplitude, VSY = 5.0 V
FREQUENCY (Hz)
1
0.0001
0.001
0.01
0.1
10
100k
10k
1k
100
ADA4500-2
VSY = 5.0V
AV = +1
80kHz LOW-PASS FILTER
RL = 10kΩ
VIN = 1.4V rms
Figure 58. THD + Noise vs. Frequency, VSY = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25