Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM7131ACMX Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM7131ACMX
Descripción Electrónicos  Tiny High Speed Single Supply Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7131ACMX Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM7131ACMX Datasheet HTML 15Page - National Semiconductor (TI) LM7131ACMX Datasheet HTML 16Page - National Semiconductor (TI) LM7131ACMX Datasheet HTML 17Page - National Semiconductor (TI) LM7131ACMX Datasheet HTML 18Page - National Semiconductor (TI) LM7131ACMX Datasheet HTML 19Page - National Semiconductor (TI) LM7131ACMX Datasheet HTML 20Page - National Semiconductor (TI) LM7131ACMX Datasheet HTML 21Page - National Semiconductor (TI) LM7131ACMX Datasheet HTML 22Page - National Semiconductor (TI) LM7131ACMX Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Using the LM7131 (Continued)
D/A Output Amplifier
The LM7131 can be used as an output amplifier for fast
digital-to-analog converters. When using the LM7131 with
converters with an output voltage range which may exceed
the differential input voltage limit of ±2V, it may be necessary
to add protection diodes to the inputs. See
Figure 15. For
high speed applications, it may be useful to consider low ca-
pacitance schottky diodes. Additional feedback capacitance
may be needed to control ringing due to the additional input
capacitance from the D/A and protection diodes. When used
with current output D/As, the input bias currents may pro-
duce a DC offset in the output. This offset may be canceled
by a resistor between the positive input and ground.
Spice Macromodel
A SPICE macromodel of the LM7131 and many other Na-
tional Semiconductor op amps is available at no charge from
your National Semiconductor representative.
DS012313-24
FIGURE 15. D/A Ouput Amplifier
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23