| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HMC702LP6CE Datasheet(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
HMC702LP6CE Datasheet(HTML) 4 Page - Analog Devices |
|
4 / 38 page ![]() For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Application Support: Phone: 978-250-3343 or apps@hittite.com 4 HMC702LP6CE v10.0812 14 GHz 16-BIT FRACTIONAL-N PLL Table 1. Electrical Specifications Parameter conditions / notes Min typ Max Units Max temperature readout: 111 +82 °c temp change / LSB 17.5 °c/LSB Worst case absolute temp Error ±10 °c current consumption (when Enabled) 2 ma Power on Reset all digital inputs must be <0.7V prior to application of power for proper reset typical reset Voltage on DVDD 700 mV Min DVDD Voltage for no reset 1.5 V Closed Loop Phase Noise 12 GHz Vco, integer, 100 MHz PFD 1 kHz offset -96 dBc/Hz 12 GHz Vco, integer, 100 MHz PFD 10 kHz offset -105 dBc/Hz 12 GHz Vco, integer, 100 MHz PFD 100 kHz offset -111 dBc/Hz 12 GHz Vco, Fractional, 50 MHz PFD 1 kHz offset -92 dBc/Hz 12 GHz Vco, Fractional, 50 MHz PFD 10 kHz offset -98 dBc/Hz 12 GHz Vco, Fractional, 50 MHz PFD 100 kHz offset -103 dBc/Hz Closed Loop Phase Noise normalized to 1 Hz integer Mode Measured with 50 MHz PFD -227 dBc/Hz Fractional Mode Measured with 50 MHz PFD -221 dBc/Hz (Continued) Table 2. Absolute Maximum Ratings Parameter Rating rVDD, VccHF, DVDD, DVDDQ, VccPrS -0.3 to +3.6V Vccoa, VPPcP, VPPDrV, VDDPD, VDDPDV, VDDPDr, DVDDio -0.3 to +6V operating temperature -40 to +85 °c Storage temperature -65 to +120 °c Maximum Junction temperature +125 °c thermal resistance (rth) (Junction to ground paddle) 25°c/W reflow Soldering Peak temperature 260 °c time at Peak temperature 40 sec ESD Sensitivity (HBM) class 1B Stresses above those listed under absolute Maximum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 Phone: 781-329-4700 • Order online at www.analog.com Application Support: Phone: 1-800-ANALOG-D |