| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HMC701LP6CE Datasheet(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
HMC701LP6CE Datasheet(HTML) 1 Page - Analog Devices |
|
1 / 40 page ![]() For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Application Support: Phone: 978-250-3343 or apps@hittite.com 1 HMC701LP6CE v09.1112 8 GHz 16-BIT FRACTIONAL-N PLL Features Functional Diagram • Fractional or integer Modes • 8 GHz, 16-Bit rF n-counter • 24-Bit Step Size resolution, 3 Hz typ • Ultra Low Phase noise 6 GHz, 50 MHz ref. -103 / -110 dBc/Hz @ 20 kHz (Frac / integer) • reference Path input: 200 MHz • 14-Bit reference Path Divider • Low Fractional Spurious • reference spurs: -90 dBc typ • auto and triggered Sweeper Functions • cycle Slip Prevention (cSP) for fast settling • auxiliary clock Source • 40 Lead 6x6 mm SMt Package: 36 mm² Typical Applications • Base Stations for Mobile radio (GSM, PcS, DcS, cDMa, WcDMa) • Wireless Lans, WiMax • communications test Equipment • catV Equipment • FMcW Sensors • automotive radar • Phased-array Systems Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 Phone: 781-329-4700 • Order online at www.analog.com Application Support: Phone: 1-800-ANALOG-D |
Número de pieza similar - HMC701LP6CE |
|
Descripción similar - HMC701LP6CE |