Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZSPM9060 Datasheet(PDF) 2 Page - Integrated Device Technology

No. de pieza ZSPM9060
Descripción Electrónicos  Ultra-Compact, High-Performance High-Frequency DrMOS Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM9060 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSPM9060 Datasheet HTML 1Page - Integrated Device Technology ZSPM9060 Datasheet HTML 2Page - Integrated Device Technology ZSPM9060 Datasheet HTML 3Page - Integrated Device Technology ZSPM9060 Datasheet HTML 4Page - Integrated Device Technology ZSPM9060 Datasheet HTML 5Page - Integrated Device Technology ZSPM9060 Datasheet HTML 6Page - Integrated Device Technology ZSPM9060 Datasheet HTML 7Page - Integrated Device Technology ZSPM9060 Datasheet HTML 8Page - Integrated Device Technology ZSPM9060 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Ultra-Compact, High-Performance,
High-Frequency DrMOS Device
ZSPM9060
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 27, 2016
Typical Applications
High-performance gaming
motherboards
Compact blade servers,
Vcore and non-Vcore
DC-DC converters
Desktop computers,
Vcore and Non-Vcore
DC-DC converters
Workstations
High-current DC-DC point-
of-load converters
Networking and telecom
microprocessor voltage
regulators
Small form-factor voltage
regulator modules
VDRV
VDRV
GH
DBoot
GL
VCIN
Temp
Sense
30k
30k
GL
Logic
10µA
10µA
DISB#
PWM
THWN#
CGND
SMOD#
PGND
PHASE
VIN
BOOT
VCIN
RUP_PWM
R DN_PWM
(Q1)
HS Power
MOSFET
(Q2)
LS Power
MOSFET
GH
Logic
Level Shift
Dead Time
Control
VSWH
GL
GH
Input
Tri-State
Logic
VCIN
UVLO
ZSPM9060 Block Diagram
Ordering Information
Sales Code
Description
Package
ZSPM9060ZA1R
ZSPM9060 RoHS-Compliant Clip-Bond PQFN40 - Temperature range: -40 to +125 °C
Reel
ZSPM8060-KIT
Open-Loop Evaluation Board for ZSPM9060
Circuit Board
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com