| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADA4939-2YCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4939-2YCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices |
|
3 / 24 page ![]() Data Sheet ADA4939-1/ADA4939-2 Rev. A | Page 3 of 24 SPECIFICATIONS 5 V OPERATION TA = 25°C, +VS = 5 V, −VS = 0 V, VOCM = +VS/2, RF = 402 Ω, RG = 200 Ω, RT = 60.4 Ω (when used), RL,dm = 1 kΩ, unless otherwise noted. All specifications refer to single-ended input and differential outputs, unless otherwise noted. Refer to Figure 42 for signal definitions. ±DIN to VOUT,dm Performance Table 1. Parameter Test Conditions/Comments Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Small Signal Bandwidth VOUT, dm = 0.1 V p-p 1400 MHz Bandwidth for 0.1 dB Flatness VOUT, dm = 0.1 V p-p, ADA4939-1 300 MHz VOUT, dm = 0.1 V p-p, ADA4939-2 90 MHz Large Signal Bandwidth VOUT, dm = 2 V p-p 1400 MHz Slew Rate VOUT, dm = 2 V p-p, 25% to 75% 6800 V/µs Overdrive Recovery Time VIN = 0 V to 1.5 V step, G = 3.16 <1 ns NOISE/HARMONIC PERFORMANCE See Figure 41 for distortion test circuit Second Harmonic VOUT, dm = 2 V p-p, 10 MHz −102 dBc VOUT, dm = 2 V p-p, 70 MHz −83 dBc VOUT, dm = 2 V p-p, 100 MHz −77 dBc Third Harmonic VOUT, dm = 2 V p-p, 10 MHz −101 dBc VOUT, dm = 2 V p-p, 70 MHz −97 dBc VOUT, dm = 2 V p-p, 100 MHz −91 dBc IMD f1 = 70 MHz, f2 = 70.1 MHz, VOUT, dm = 2 V p-p −95 dBc f1 = 140 MHz, f2 = 140.1 MHz, VOUT, dm = 2 V p-p −89 dBc Voltage Noise (RTI) f = 100 kHz 2.3 nV/√Hz Input Current Noise f = 100 kHz 6 pA/√Hz Crosstalk f = 100 MHz, ADA4939-2 −80 dB INPUT CHARACTERISTICS Offset Voltage VOS, dm = VOUT, dm/2, VDIN+ = VDIN− = 2.5 V −3.4 ±0.5 +2.8 mV TMIN to TMAX variation ±2.0 µV/°C Input Bias Current −26 −10 +2.2 µA TMIN to TMAX variation ±0.5 µA/°C Input Offset Current −11.2 +0.5 +11.2 µA Input Resistance Differential 180 kΩ Common mode 450 kΩ Input Capacitance 1 pF Input Common-Mode Voltage 1.1 3.9 V CMRR ∆VOUT, dm/∆VIN, cm, ∆VIN, cm = ±1 V −83 −77 dB OUTPUT CHARACTERISTICS Output Voltage Swing Maximum ∆VOUT; single-ended output, RF = RG = 10 kΩ 0.9 4.1 V Linear Output Current 100 mA Output Balance Error ∆VOUT, cm/∆VOUT, dm, ∆VOUT, dm = 1 V, 10 MHz, see Figure 40 for test circuit −64 dB |