| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDNS-3988 Datasheet(PDF) 1 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
SDNS-3988 Datasheet(HTML) 1 Page - Pixart Imaging Inc. |
|
1 / 10 page ![]() __________________________________________________________________________________________________________________________ All rights rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. PixArt Imaging Inc. Confidential 1 SDNS-3988 High Performance Gaming Sensor Description SDNS-3988 high performance gaming sensor is a new addition to PixArt Imaging’s gaming sensor family. The tracking system comprises of navigation IC, HSDL-4261 IR LED and lens. It provides enhanced features such as user calibrated lift detection, variable frame rate, programmable resolution, angle tunability, angle snap plus configurable sleep and wake up time to suit various gamers’ preferences. This gaming sensor is in a 58-pin QFN package. It is designed to be used with ADNS-2120-001 trim lens to achieve optimum performance featured in this document. Theory of Operation The sensor measures changes in position by optically acquiring sequential surface images (frames) and mathematically determining the direction and magnitude of movement. It contains an Image Acquisition System (IAS), a Digital Signal Processor (DSP), and a four wire serial port. The IAS acquires microscopic surface images via the lens and illumination system. These images are processed by the DSP to determine the direction and distance of motion. The DSP calculates the Δx and Δy relative displacement values. An external microcontroller reads the Δx and Δy information from the sensor serial port. The microcontroller then translates the data into PS2, USB, or RF signals before sending them to the host PC or game console. Features Small form factor QFN package VDDIO range: 1.65 – 3.3V 16-bits motion data registers Maximum speed motion detection of 200ips and acceleration up to 50g Variable Frame Rate for optimum power performance Motion detect pin output Internal oscillator – no external clock input needed Enhanced Programmability Frame rate up to 12500fps Lift Detection Default lift cut-off height – typical 3mm from tracking surface Manually calibrated lift cut-off height – optimized for individual surface Resolution up to 6400cpi with step of ~50cpi X and Y axis independent resolution setting Register enabled Rest Modes Angle Snap and Angle Tunabilty Applications Corded and cordless gaming mice Motion input devices |
Número de pieza similar - SDNS-3988 |
|
Descripción similar - SDNS-3988 |