Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

80L188EB Datasheet(PDF) 17 Page - Intel Corporation

No. de pieza 80L188EB
Descripción Electrónicos  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

80L188EB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 80L188EB Datasheet HTML 13Page - Intel Corporation 80L188EB Datasheet HTML 14Page - Intel Corporation 80L188EB Datasheet HTML 15Page - Intel Corporation 80L188EB Datasheet HTML 16Page - Intel Corporation 80L188EB Datasheet HTML 17Page - Intel Corporation 80L188EB Datasheet HTML 18Page - Intel Corporation 80L188EB Datasheet HTML 19Page - Intel Corporation 80L188EB Datasheet HTML 20Page - Intel Corporation 80L188EB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
Table 6 QFP Pin Name with Package Location
AddressData Bus
Name
Location
AD0
10
AD1
15
AD2
17
AD3
19
AD4
21
AD5
23
AD6
25
AD7
27
AD8 (A8)
11
AD9 (A9)
16
AD10 (A10)
18
AD11 (A11)
20
AD12 (A12)
22
AD13 (A13)
24
AD14 (A14)
26
AD15 (A15)
28
A16
29
A17
30
A18
31
A19ONCE
32
Bus Control
Name
Location
ALE
38
BHE (RFSH)39
S0
42
S1
41
S2
40
RD
36
WR
37
READY
49
DEN
43
LOCK
47
HOLD
45
HLDA
44
Power
Name
Location
VSS
12 14 33
35 53 73
VCC
13 34
54 72
Processor Control
Name
Location
RESIN
68
RESOUT
69
CLKIN
71
OSCOUT
70
CLKOUT
74
TEST
46
PDTMR
67
NMI
48
INT0
62
INT1
63
INT2INTA0
64
INT3INTA1
65
INT4
66
IO
Name
Location
UCS
61
LCS
60
P10GCS0
59
P11GCS1
58
P12GCS2
57
P13GCS3
56
P14GCS4
55
P15GCS5
52
P16GCS6
51
P17GCS7
50
T0OUT
75
T0IN
76
T1OUT
77
T1IN
78
RXD0
3
TXD0
2
P25BCLK0
4
CTS0
1
P20RXD1
7
P21TXD1
8
P22BCLK1
9
P23SINT1
5
P24CTS1
6
P26
80
P27
79
NOTE
Pin names in parentheses apply to the 80C188EB80L188EB
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59