| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P12C508 Datasheet(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
P12C508 Datasheet(HTML) 67 Page - Microchip Technology |
|
67 / 84 page ![]() © 1996 Microchip Technology Inc. Advance Information DS40139A-page 67 PIC12C5XX 11.3 8-Lead Plastic Surface Mount (SOIC - Medium, 200 mil Body) Package Group: Plastic SOIC (SM) Symbol Millimeters Inches Min Max Notes Min Max Notes α 0 ° 8 ° 0 ° 8 ° A 1.778 2.00 0.070 0.079 A1 0.101 0.249 0.004 0.010 B 0.355 0.483 0.014 0.019 C 0.190 0.249 0.007 0.010 D 5.080 5.334 0.200 0.210 E 5.156 5.411 0.203 0.213 e 1.270 1.270 Reference 0.050 0.050 Reference H* 7.670 8.103 0.302 0.319 h 0.381 0.762 0.015 0.030 L 0.508 1.016 0.020 0.040 N 1414 1414 CP – 0.102 – 0.004 B e N Index Area Chamfer h x 45 ° α E H 1 2 3 CP h x 45 ° C L Seating Plane Base Plane D A1 A |