| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPSR104G-AG6-R Datasheet(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UPSR104G-AG6-R Datasheet(HTML) 7 Page - Unisonic Technologies |
|
7 / 8 page ![]() UPSR104 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 8 www.unisonic.com.tw QW-R103-113.a TYPICAL APPLICATION CIRCUIT (12V / 1.25A) BOM Reference Component Reference Component BD1 BD 1.5A/600V R1 R 2.4KΩ 1206 ±5% L1 500u H DR 6x8mm R2 R 33KΩ 0805 ±1% L2 4.7u H 1W R3 R 4.3KΩ 0805 ±1% C1 EC 10u F 400V 105°C R4 R 1.5MΩ 1206 ±5% C2 EC 22u F 400V 105°C R5 R 1.5MΩ 1206 ±5% C3 EC 4.7u F 50V 105°C R6 R 200KΩ 1206 ±5% C4 CC 1n F 50V 0805 R7 R 0.9Ω 1206 ±5% C5 CC 1n F 1000V 1206 R8 R 2.7KΩ 1206 ±5% C6 EC 680u F 16V 105°C Low-ESR R9 R 30Ω 0805 ±5% C7 EC 680u F 16V 105°C Low-ESR Q1 N-MOSFET UTC 2N60 D1 Diode UTC 1N4007G T1 EF-20 D2 Diode UTC 1N4007G F1 FUSE 2A 250VAC D3 Diode UTC SB3100 D4 Diode UTC SB3100 |