Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACTFD007 Datasheet(PDF) 7 Page - Advanced Crystal Technology

No. de pieza ACTFD007
Descripción Electrónicos  SAW DUPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACT [Advanced Crystal Technology]
Página de inicio  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD007 Datasheet(HTML) 7 Page - Advanced Crystal Technology

  ACTFD007 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
- 7 -
Test Circuit
Recommended Soldering Profile
C
E
A
ACT 2015. All Rights Reserved.
1.
The specifications of this device are subject to change or obsolescence without notice.
2.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the
equipment manufacturer.
3.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
.



Html Pages

1 2 3 4 5 6 7