Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet(PDF) 3 Page - Abracon Corporation

No. de pieza AB-RTCMC-32.7KHZ-EOA9-S3
Descripción Electrónicos  DTCXO Temperature Compensated Real-Time-Clock Module with SPI bus
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABRACON [Abracon Corporation]
Página de inicio  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet(HTML) 3 Page - Abracon Corporation

  AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 7Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 8Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AB-RTCMC-32.768kHz-EOA9-S3
3.7 x 2.5 x 0.9 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.05.13
Visit www.abracon.com for Terms & Conditions of Sale
Pb RoHS/RoHS II compliant
DTCXO Temperature Compensated Real-Time-Clock Module with SPI bus
(Continued)
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Current
(IDD)
SCL= 200kHz
VDD = 1.4V
TAMB= -40°C ~ +85°C
14
µA
SPI bus active
CLKOUT disabled
SCL= 200kHz
VDD = 1.4V
TAMB= -40°C ~ +125°C
18
SCL= 1MHz
VDD = 3.3V
TAMB= -40°C ~ +85°C
50
SCL= 1MHz
VDD = 3.3V
TAMB= -40°C ~ +125°C
55
SCL= 1MHz
VDD = 5.0V
TAMB= -40°C ~ +85°C
65
SCL= 1MHz
VDD = 5.0V
TAMB= -40°C ~ +125°C
75
Current
Consumption
(IDD32K)
VDD=5.0V
2.5
3.4
µA
SPI bus inactive
CLKOUT =32.768kHz
CLOAD =7.5pF
VDD=3.3V
1.5
2.2
VDD=1.4V
1.1
1.6
Input
LOW Level Input Voltage (VIL)
20%* VDD
V
VDD = 1.4 ~ 5.5VDD
Pins:SCL,SDI,CLKOE,CE
HIGH Level Input Voltage (VIH)
80%* VDD
V
Input Leakage
Current (IL)
Tamb=-40 ~+85°C
-1
+1
µA
VSS>VI<VDD
Tamb=-40 ~+125°C
-1.5
+1.5
Input Capacitance (CI
F
p
7
)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com