| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KS0708 Datasheet(PDF) 13 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KS0708 Datasheet(HTML) 13 Page - Samsung semiconductor |
|
13 / 27 page ![]() PRELIMINARY SPECIFICATION 64COM/128SEG DRIVE FOR DOT MATRIX LCD KS0708 13 M/M-96-D001 97-09-19 MPU signal RS RW E N D(N) D(N+1) D(N+2) D(N+3) D(N+4) D(N+5) DB[7:0] Internal signal N D(N) D(N+1) D(N+2) D(N+3) D(N+4) N N+1 N+2 N+3 N+4 N+5 WR Input Buffer Column Address Preset K Set Page Address => K Page Address D(N) D(N+1) D(N+2) D(N+3) D(N+4) Figure 4. Write Timing RAM MPU signal N Dummy D(N) D(N+1) D(N+2) D(N+3) RS RW E DB[7:0] Internal signal D(N) D(N+1) D(N+2) D(N+3) D(N+4) N N+1 N+2 N+3 N+4 N+5 Preset K Dummy Set Page Address => K Page Address Column Address WR RD Output Buffer Figure 5. Read timing |