Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HPU1K5PS12 Datasheet(PDF) 2 Page - XP Power Limited

No. de pieza HPU1K5PS12
Descripción Electrónicos  Output Power up to 1500 W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HPU1K5PS12 Datasheet(HTML) 2 Page - XP Power Limited

  HPU1K5PS12 Datasheet HTML 1Page - XP Power Limited HPU1K5PS12 Datasheet HTML 2Page - XP Power Limited HPU1K5PS12 Datasheet HTML 3Page - XP Power Limited HPU1K5PS12 Datasheet HTML 4Page - XP Power Limited HPU1K5PS12 Datasheet HTML 5Page - XP Power Limited HPU1K5PS12 Datasheet HTML 6Page - XP Power Limited HPU1K5PS12 Datasheet HTML 7Page - XP Power Limited HPU1K5PS12 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Figure 1
2
xppower.com
Input Characteristics
Input Derating Curve
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
85
115/230
264
VAC
Derate output power < 90 VAC. See fig. 1.
Input Frequency
47
50/60
63
Hz
Power Factor
>0.9
EN61000-3-2 class A compliant
EN61000-3-2 class C for loads ≥10%
Input Current - No Load
0.6
A
Input Current - Full Load
13/6.5
A
115/230 VAC
Inrush Current
35
A
230 VAC cold start, 25 ºC
Earth Leakage Current
0.45/0.9
1.1
mA
115/230 VAC/50 Hz (Typ.), 264 VAC/60 Hz (Max.)
Earth Leakage Current (-M)
<300
<500
µA
115/230 VAC/50 Hz (Typ.), 264 VAC/60 Hz (Max.)
Input Protection
T20 A/250 V internal fuse in both line and neutral
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1 (V1) , ±5 (V2)
%
50% load, 115/230 VAC
Output Voltage Adjustment
%
V1 only. See model table above & mech. details.
Minimum Load
0A
Start Up Delay
1s
230 VAC full load, see fig.2
Hold Up Time
16
ms
Drift
±0.2
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±0.5 (V1) , ±5 (V2)
%
0-100% load.
Transient Response - V1
4%
Recovery within 2% in less than 500 µs
for a 50-75% and 75-50% load step
Over/Undershoot - V1
0.5
%
See fig.3
Ripple & Noise
2
% pk-pk
V1: 12 V models, 20 MHz bandwidth
1
V1: 24-48 V models, 20 MHz bandwidth, see fig.4
3
V2: 5 V standby, 20 MHz bandwidth
Overvoltage Protection
115
140
%
Vnom DC. Output 1 only, recycle input to reset
Overload Protection
110
140
% I nom
Output 1 only, auto reset. See fig 5.
Short Circuit Protection
Continuous, trip & restart (hiccup mode) all outputs
Temperature Coefficient
0.02
%/˚C
Overtemperature Protection
°C
Protects unit from overtemperature. Auto restart.
Models and Ratings
1100
1000
800
900
1200
85
90
HPU1K5PS24 & 48
1300
120
1400
1500
110
180
190
250
200
210
HPU1K5PS12
260
260
250
240
230
220
264
Input Voltage (VAC)
Output Power
Output Voltage
V1
Voltage Adj
V1
Max Output Current V1
Standby Supply
V2
Model Number
<180 VAC
>180 VAC
1200 W
12.0 VDC
11-14 V
100 A
100 A
5 V/1 A
HPU1K5PS12
1500 W
24.0 VDC
22-28 V
50 A
63 A
5 V/1 A
HPU1K5PS24
1500 W
48.0 VDC
45-52 V
25 A
31 A
5 V/1 A
HPU1K5PS48
For medical versions, add suffix ‘-M’to model number.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com