Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACTF4096 Datasheet(PDF) 2 Page - Advanced Crystal Technology

No. de pieza ACTF4096
Descripción Electrónicos  RF Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACT [Advanced Crystal Technology]
Página de inicio  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4096 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF4096 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4096 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Source Power
PS
+15
dBm
DC Voltage
VDC
6
V
Storage Temperature Range
Tstg
-45 to +125
Operating Temperature Range
TA
-45 to +125
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
433.920
MHz
Insertion Loss
IL
433.00 …. 434.70 MHz
2.0
2.7
dB
Amplitude Ripple
Δα
433.00 …. 434.70 MHz
0.5
1.3
dB
3dB Bandwidth
BW3
7.2
MHz
Attenuation
α
10.00 …. 380.00 MHz
380.00 …. 413.50 MHz
413.50 …. 424.00 MHz
443.75 …. 454.00 MHz
454.00 …. 470.00 MHz
470.00 …. 650.00 MHz
650.00 …. 1000.0 MHz
55
45
46
20
25
50
40
60
50
52
25
32
55
45
dB
dB
dB
dB
dB
dB
dB
Temperature Coefficient of Frequency
TCf
-30
ppm/K
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
C
E
A
ACT. All Rights Reserved.
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR≤1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com