| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TGBR30V45L-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TGBR30V45L-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD TGBR30V45 Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2016 Unisonic Technologies Co., Ltd QW-R232-045.a TRENCH MOS SCHOTTKY BARRIER RECTIFIER DESCRIPTION The UTC TGBR30V45 is a trench mos schottky barrier rectifier, it uses UTC’s advanced technology to provide customers with low forward voltage drop and high current capability, etc. The UTC TGBR30V45 suitable for free wheeling, high frequency inverters, polarity protection, and low voltage. FEATURES * Very low forward voltage drop * High current capability * High surge capability * High efficiency SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing TGBR30V45L-TA3-T TGBR30V45G-TA3-T TO-220 A K A Tube TGBR30V45L-TF3-T TGBR30V45G-TF3-T TO-220F A K A Tube TGBR30V45L-TQ2-T TGBR30V45G-TQ2-T TO-263 A K A Tube TGBR30V45L-TQ2-R TGBR30V45G-TQ2-R TO-263 A K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING |
Número de pieza similar - TGBR30V45L-TQ2-R |
|
Descripción similar - TGBR30V45L-TQ2-R |