Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

615004143821 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 615004143821
Descripción Electrónicos  HORIZONTAL PLASTIC 4P4C MODULAR JACK TAB UP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

615004143821 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  615004143821 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 615004143821 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
03-NOV-08
PDF
CH
B
C
28-JUL-14
GENERAL UPDATE
AS
E
F
G
APPROVAL: JTs
UNIT: MM
DESCRIPTION: HORIZONTAL PLASTIC 4P4C MODULAR JACK TAB UP
SCALE:
SHEET: 1/2
WERI PART NO: 615 004 143 821
DRAW:
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR MATERIAL: PBT
FLAMMABILITY RATING: UL94-V0
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: GOLD
QUALITY CLASS: 500 MATING CYCLES
ENVIRONMENTAL
OPERATING TEMPERATURE: –40 °C UP TO 85 °C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 1.5 A
WORKING VOLTAGE: 120 VAC
INSULATION RESISTANCE: >500 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 1 000 VAC/MIN
CONTACT RESISTANCE: 20 mOHM MAX
STANDARD
CERTIFIED: E324776
SOLDERING
JEDEC LEAD FREE WAVE SOLDERING PROCESS
PACKAGING
TRAY
03-JAN-14
UL & TEMP UPDATE
QL
D
30-JUL-15
SHIELDING
AK


Número de pieza similar - 615004143821

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
615004143821 WURTH-615004143821 Datasheet
663Kb / 7P
WR-MJ Modular Jack Tab Up
REVISION 001.001
615004143821 WURTH-615004143821_V01 Datasheet
663Kb / 7P
WR-MJ Modular Jack Tab Up
REVISION 001.001
More results

Descripción similar - 615004143821

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
615006149421L WURTH-615006149421L Datasheet
668Kb / 3P
HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
615006149421R WURTH-615006149421R Datasheet
668Kb / 3P
HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
615008148521 WURTH-615008148521 Datasheet
374Kb / 3P
HORIZONTAL PLASTIC MODULAR JACK 8P8C TAB UP
615008149521R WURTH-615008149521R Datasheet
711Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
6150XX149421 WURTH-6150XX149421 Datasheet
668Kb / 3P
HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
6150XX149521 WURTH-6150XX149521 Datasheet
711Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
615012149421 WURTH-615012149421 Datasheet
461Kb / 3P
HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
A 23-JUL-14
615024149421 WURTH-615024149421 Datasheet
461Kb / 3P
HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
A 23-JUL-14
615024149521 WURTH-615024149521 Datasheet
709Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
B 10-SEP-15
615032149521 WURTH-615032149521 Datasheet
709Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
B 10-SEP-15
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com