Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HF115F-LS Datasheet(PDF) 1 Page - Hongfa Technology

No. de pieza HF115F-LS
Descripción Electrónicos  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONGFA [Hongfa Technology]
Página de inicio  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF115F-LS Datasheet(HTML) 1 Page - Hongfa Technology

  HF115F-LS Datasheet HTML 1Page - Hongfa Technology HF115F-LS Datasheet HTML 2Page - Hongfa Technology HF115F-LS Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8 ^jdg g\o^cdibA Dkkmjs5 ;77hY
9 ^jdgn g\o^cdibA Dkkmjs5 =77hY
7KHVWTKU
KQPJID THND[
Fjdg kjr`m
Ucj^f m`ndno\i^`
Gd`g`^omd^
nom`iboc
Rg\nod^ n`\g`_3
Igps kmjja`_
LUQ@7783 LUQ6VU8=@;@ 3 LUQ8;7783 QKUDU8?7783 LHFS SF 7?7777 FHTVLILHG
978= T`q5 8577
8>8
D56
8=D 9<7XDF J`i`m\g pn` \o ?<wF
Uo\i_\m_ ]\gg\no <D 9>>XDF \o ;7wF
Hg`^omjid^ ]\gg\no 8=D 897XDF \o ;7wF
Hg`^omjid^ ]\gg\no 8=D 9>>XDF \o ;7wF
:<77Y 9>>XDF Vpibno`i N\hk \o ;7wF
C;-4C;
8=D 9<7XDF T`ndnodq` \o ?<wF
HP=7==@A
8=D 9<7XDF FQUz C75=
8=D 9<7XDF 8;7yI
Idg` Pj5AH8:;<8>
=RVKU1 80 Dgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`5
90 Qigt otkd^\g gj\_n \m` gdno`_ \]jq`5 Qoc`m gj\_ nk`^dad^\odjin
^\i ]` \q\dg\]g` pkji m`lp`no5
Idg` Pj5A88=@:;
97..07,;A
8D
877h h\s5/\o 8D =XGF0
Y2DbUiQ9
T`ndnodq`A8=D 9<7XDF
Li^\i_`n^`io N\hkA :<77Y 9>>XDF
Limpnc ^pmm`ioA 8=<D 6 97hn
agjpm`n^`ioA ?77D6977yn
;;7XDF
8=D
;777XD
9s87=QRU
Fjio\^o \mm\ib`h`io
Fjio\^o m`ndno\i^`
Fjio\^o h\o`md\g
O\s5 nrdo^cdib qjgo\b`
O\s5 nrdo^cdib ^pmm`io
O\s5 nrdo^cdib kjr`m
O`^c\id^\g `i_pm\i^`
<777XDF 8hdi
89<7XDF 8hdi
87fX /859 6 <7yn0
87hn h\s5
87hn h\s5
<<M h\s5
@?h6n9
@?7h6n9
87Ku oj 8<7Ku 87b
<- oj ?<- TK
4;7 oj ?<
RFE
Dkkmjs5 8:5<b
<:=:2BC@6 9:89 ?>E6@ ;2B49:=8 @6;2G
4>=B24B 52B2
492@24B6@:AB:4A
4>:;
4>:; 52B2
A276BG 2??@>D2; @2B:=8A
Linpg\odji m`ndno\i^`
E`or``i ^jdg . ^jio\^on
E`or``i jk`i ^jio\^on
Upmb` qjgo\b` /]`or``i ^jdg . ^jio\^on0
U`o odh` /\o ijhd5 qjgo50
T`n`o odh` /\o ijhd5 qjgo50
V`hk`m\opm` mdn` /\o ijhd5 qjgo50
Ipi^odji\g
G`nomp^odq`
^ N\o^cdib m`g\t
^ Uk`^d\g ^jio\^o nomp^odji
^ Li^\i_`n^`io g\hk gj\_A :<77Y 9>>XDF
^ <fX _d`g`^omd^ nom`iboc /]`or``i ^jdg \i_ ^jio\^on0
^ Fm``k\b` _dno\i^`A 88hh
^ Njr c`dbcoA 8<5> hh
^ O``odib m`diajm^` dinpg\odji
^ Rmj_p^o di \^^jm_\i^` oj HP=7==@48 \q\dg\]g`
^ Rmj_p^o di \^^jm_\i^` oj LHF =7::<48 \q\dg\]g`
^ Rg\nod^ n`\g`_ \i_ agps kmjja`_ otk`n \q\dg\]g`
^ WNdinpg\odji ntno`h_Fg\nn I
^ Hiqdmjih`io\g amd`i_gt kmj_p^o /TjKU ^jhkgd\io0
^ Qpogdi` Gdh`indjinA /9@57 s 895> s 8<5>0 hh
8777O /\o <77XGF0
Fjinomp^odji
\o 9:
Fjio\^o m\odib
<
=
:5<
;59
9;
:5<
;59
8=5?
=
>59
8=5?
9?5?
=9s/8 87-0
@7s /8 87-0
89
8;;7s /8 87-0
?5;
?5;
8;5;
:=7s /8 87-0
. IRNO OHVIMNQL
/ IRNOU OHVIMNQL
<
=
9;
:5<
;59
8=5?
:5<
;59
8=5?
>5<
@
:=
;9s /8 87-0
<<s /8 87-0
??=s /8 87-0
89
?5;
?5;
8?
9;7s /8 87-0
@
=5:
=5:
8:5<
8:<s /8 87-0
@
=5:
=5:
875?
979s /8 87-0
Pjhdi\g
Xjgo\b`
XGF
U`o
Xjgo\b`
XGF
h\s5
T`n`o
Xjgo\b`
XGF
h\s5
O\s5
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
Pjhdi\g
Xjgo\b`
XGF
U`o
Xjgo\b`
XGF
h\s5
T`n`o
Xjgo\b`
XGF
h\s5
O\s5
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
s/8 87-0
Odi5
Vtkd^\g
Rpgn` Yd_oc
/hn0
:7
:7
:7
:7
:7
]<7
]<7
]<7
]<7
]<7
Odi5
Vtkd^\g
Rpgn` Yd_oc
/hn0
:7
:7
:7
:7
:7
]<7
]<7
]<7
]<7
]<7
1
1
=RVKU180 Vcdn ^jio\^o m`ndno\i^` q\gp` dn o`no`_ pi_`m oc` ijmhdi\g
qjgo\b`5
90 1 Li_`s dn ijo oc\o ja m`g\t g`iboc _dm`^odji5
:0 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
;0 WNdinpg\odji ntno`hA Fg\nn I5
D
56
Xd]m\odji m`ndno\i^`
Kphd_dot
Dh]d`io o`hk`m\opm`
V`mhdi\odji
Wido r`dbco
859s87;QRU /:<77Y 9>>XDF3
Vpibno`i g\hk3 \o ;7jF3 8n ji <@n jaa0
Hg`^omd^\g `i_pm\i^`
=s87:QRU/8=D 9<7XDF3
T`ndnodq` gj\_3 \o ?<jF3 <n ji <n jaa0
Idg` Pj5AFSF8;77987;<9@


Número de pieza similar - HF115F-LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hongfa Technology
HF115F-L HONGFA-HF115F-L Datasheet
56Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HF115F-L/12-HS3L1TGF HONGFA-HF115F-L/12-HS3L1TGF Datasheet
56Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HF115F-L/12-HS3L2TGF HONGFA-HF115F-L/12-HS3L2TGF Datasheet
56Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HF115F-L/12-ZS3L1TGF HONGFA-HF115F-L/12-ZS3L1TGF Datasheet
56Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HF115F-L/12-ZS3L2TGF HONGFA-HF115F-L/12-ZS3L2TGF Datasheet
56Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results

Descripción similar - HF115F-LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com