| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HT104/MDF27-1822P Datasheet(PDF) 3 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
HT104/MDF27-1822P Datasheet(HTML) 3 Page - Hirose Electric |
|
3 / 4 page ![]() 3 MDF12/27 Series ●Crimp Contact for Direct Joining Thick Wire PCB Thick Wire Crimp Contact for Direct Soldering to PCB Applicable crimping tools Type Part No. HRS No. Applicable contacts Applicator AP105-MDF12-1822P 901-4514-0 MDF12-1822PCF AP105-MDF12A-1822P 901-4515-2 MDF12A-1822PCF AP105-MDF12-1416P –––––––––––– MDF12-1416PCF AP105-MDF12A-1416P 901-4533-4 MDF12A-1416PCF AP105-MDF27-1822P –––––––––––– MDF27-1822PCF AP105-MDF27A-1822P –––––––––––– MDF27A-1822PCF AP105-MDF27-1416P –––––––––––– MDF27-1416PCF AP105-MDF27A-1416P –––––––––––– MDF27A-1416PCF Press body CM-105 901-0005-4 –––––––––––– MDF12-TA1822HC 550-0238-0 MDF12-1822PC MDF12A-TA1822HC 550-0239-2 MDF12A-1822PC MDF12-TA1416HC –––––––––––– MDF12-1416PC Manual crimping tools MDF12A-TA1416HC 550-0237-7 MDF12A-1416PC HT104/MDF27-1822P –––––––––––– MDF27-1822PC MDF27A-TA1822HC –––––––––––– MDF27A-1822PC MDF27-TA1416HC –––––––––––– MDF27-1416PC MDF27A-TA1416HC –––––––––––– MDF27A-1416PC Note 1: Issues caused by use of tools other than the ones designed or recommended by Hirose are not covered by warranty. Note 2: Please contact our Sales Dept. When you are placing an order for products listed above that show no HRS Part Number. Usage recommendations 1. Recommended soldering conditions ■Flow conditions using an automatic soldering device: Soldering temperature: 250 ±5ç; soldering time: within 3 seconds ■Hand soldering conditions: Soldering iron temperature: 290 ±10ç; soldering time: within 3 seconds ■After soldering, be sure not to disturb the connectors before they have returned to their normal temperature because the coating presser part is likely to be loosened when a load is applied on the cables while the connectors and the cables are still heated. 2. Cleaning conditions Please refer to the "Handbook on the Use of Nylon Connectors". Do not use solvents which will impair the cable jacket, such as trichloroethane. Additionally, avoid heating cleaning using solvents. Additionally, avoid using heated cleaning solvents. 3. Wire connecting conditions Please refer to the "Handbook on the Use of Nylon Connectors". |