Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3911 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM3911
Descripción Electrónicos  LM3911 Temperature Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3911 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3911 Datasheet HTML 1Page - National Semiconductor (TI) LM3911 Datasheet HTML 2Page - National Semiconductor (TI) LM3911 Datasheet HTML 3Page - National Semiconductor (TI) LM3911 Datasheet HTML 4Page - National Semiconductor (TI) LM3911 Datasheet HTML 5Page - National Semiconductor (TI) LM3911 Datasheet HTML 6Page - National Semiconductor (TI) LM3911 Datasheet HTML 7Page - National Semiconductor (TI) LM3911 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH5701
June 1994
LM3911 Temperature Controller
General Description
The LM3911 is a highly accurate temperature measurement
andor control system for use over a b25 Cto a85 C tem-
perature range Fabricated on a single monolithic chip it
includes a temperature sensor a stable voltage reference
and an operational amplifier
The output voltage of the LM3911 is directly proportional to
temperature in degrees Kelvin at 10 mV K Using the inter-
nal op amp with external resistors any temperature scale
factor is easily obtained By connecting the op amp as a
comparator the output will switch as the temperature trans-
verses the set-point making the device useful as an on-off
temperature controller
An active shunt regulator is connected across the power
leads of the LM3911 to provide a stable 68V voltage refer-
ence for the sensing system This allows the use of any
power supply voltage with suitable external resistors
The input bias current is low and relatively constant with
temperature ensuring high accuracy when high source im-
pedance is used Further the output collector can be re-
turned to a voltage higher than 68V allowing the LM3911 to
drive lamps and relays up to a 35V supply
The LM3911 uses the difference in emitter-base voltage of
transistors operating at different current densities as the ba-
sic temperature sensitive element Since this output de-
pends only on transistor matching the same reliability and
stability as present op amps can be expected
The LM3911 is available in two package styles a metal can
TO-46 and an 8-lead epoxy mini-DIP In the epoxy package
all electrical connections are made on one side of the de-
vice allowing the other 4 leads to be used for attaching the
LM3911 to the temperature souce The LM3911 is rated for
operation over a b25 Cto a85 C temperature range
Features
Y
Uncalibrated accuracy g10 C
Y
Internal op amp with frequency compensation
Y
Linear output of 10 mV K (10 mV C)
Y
Can be calibrated in degrees Kelvin Celsius or
Fahrenheit
Y
Output can drive loads up to 35V
Y
Internal stable voltage reference
Y
Low cost
Block Diagram
Typical Applications
Ground Referred
Centigrade Thermometer
Trims out initial zener tolerance
Set output to read C
Basic Temperature Controller
Output goes negative on
temperature increase
RSe(Vab68V) kX
Proportioning Temperature
Controller
Note 1
C1 determines proportioning frequency f
1
2R4 C1
Note 2
R10 e l
Va
l a lVbl b 7V
00015A
Note 3
Either Vb or Va can be ground
TLH5701 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Número de pieza similar - LM3911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM391 NSC-LM391 Datasheet
236Kb / 12P
LM391 Audio Power Driver
logo
Seoul Semiconductor
LM391 SEOUL-LM391 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM391 SEOUL-LM391 Datasheet
360Kb / 13P
CYAN LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Descripción similar - LM3911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TOKO, Inc
TK11050 TOKO-TK11050 Datasheet
56Kb / 8P
TEMPERATURE CONTROLLER IC
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
logo
List of Unclassifed Man...
WHY5640 ETC-WHY5640 Datasheet
395Kb / 24P
Subminiature Temperature Controller
logo
Omron Electronics LLC
E5AX-P OMRON-E5AX-P Datasheet
162Kb / 14P
Temperature Controller
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
DIGITAL TEMPERATURE CONTROLLER
logo
SELEC Controls Pvt. Ltd
TC533 SELEC-TC533 Datasheet
675Kb / 2P
Economic Temperature Controller
TC52 SELEC-TC52 Datasheet
433Kb / 1P
Analog Temperature Controller
TC513AX SELEC-TC513AX Datasheet
887Kb / 2P
Economic Temperature Controller
logo
FOTEK CONTROLS CO., LTD...
TC4896-DA FOTEK-TC4896-DA Datasheet
1Mb / 5P
Temperature Controller
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com