| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MGBR6S45CL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MGBR6S45CL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MGBR6S45C Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2016 Unisonic Technologies Co., Ltd QW-R204-070 .a DUAL MOS GATED BARRIER RECTIFIER DESCRIPTION The UTC MGBR6S45C is a dual mos gated barrier rectifiers, it uses UTC’s advanced technology to provide customers with low forward voltage drop and high switching speed, etc. FEATURES * Super low forward voltage drop * High switching speed SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing MGBR6S45CL-TA3-T MGBR6S45CG-TA3-T TO-220 A K A Tube MGBR6S45CL-TF3-T MGBR6S45CG-TF3-T TO-220F A K A Tube MGBR6S45CL-TN3-R MGBR6S45CG-TN3-R TO-252 A K A Tape Reel Note: Pin Assignment: A: Anode K: Common Cathode MARKING TO-220 / TO-220F TO-252 |
Número de pieza similar - MGBR6S45CL-TN3-R |
|
Descripción similar - MGBR6S45CL-TN3-R |