Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA4864J Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA4864J
Descripción Electrónicos  Vertical deflection booster
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4864J Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4864J Datasheet HTML 1Page - NXP Semiconductors TDA4864J Datasheet HTML 2Page - NXP Semiconductors TDA4864J Datasheet HTML 3Page - NXP Semiconductors TDA4864J Datasheet HTML 4Page - NXP Semiconductors TDA4864J Datasheet HTML 5Page - NXP Semiconductors TDA4864J Datasheet HTML 6Page - NXP Semiconductors TDA4864J Datasheet HTML 7Page - NXP Semiconductors TDA4864J Datasheet HTML 8Page - NXP Semiconductors TDA4864J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2003 Oct 31
2
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4864J; TDA4864AJ
FEATURES
• Power amplifier with differential inputs
• Output current up to 2.5 A (p-p)
• High vertical deflection frequency up to 200 Hz
• High linear sawtooth signal amplification
• Flyback generator:
– TDA4864J: separate adjustable flyback supply
voltage up to 60 V
– TDA4864AJ: internally doubled supply voltage
(two supply voltages only for DC-coupled outputs).
GENERAL DESCRIPTION
The TDA4864J and TDA4864AJ are deflection boosters
for use in vertical deflection systems for frame frequencies
up to 200 Hz.
The TDA4864J needs a separate flyback supply voltage,
so the supply voltages are independently adjustable to
optimize power consumption and flyback time.
For the TDA4864AJ the flyback supply voltage will be
generated internally by doubling the supply voltage and
therefore a separate flyback supply voltage is not needed.
Both circuits provide differential input stages.
QUICK REFERENCE DATA
Measurements referenced to pin GND.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP1
supply voltage 1
9
30
V
VP2
supply voltage 2 for vertical output
VP1 − 1
60
V
VFB
flyback supply voltage of TDA4864J
VP1 − 1
60
V
VP3
flyback generator output voltage of
TDA4864AJ
IV-OUT = −1.25 A
0
VP1 + 2.2 V
Vi
input voltage on
pin INN
1.6
VP1 − 0.5 V
pin INP
1.6
VP1 − 0.5 V
IP1
supply current 1
during scan
610
mA
IP2
quiescent supply current 2
IV-OUT =0
25
60
mA
IV-OUT(p-p)
vertical deflection output current
(peak-to-peak value)
−−
2.5
A
Tamb
ambient temperature
−20
+75
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4864J
DBS7P
plastic DIL-bent-SIL power package; 7 leads
(lead length 12/11 mm); exposed die pad
SOT524-1
TDA4864AJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com