| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ELM329LP Datasheet(PDF) 87 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM329LP Datasheet(HTML) 87 Page - ELM Electronics |
|
87 / 87 page ![]() Index (continued) M Maximum Ratings, Absolute, 7 Messages and Filtering, CAN, 41-42 Messages, Error, 82-83 Message Formats, OBD, 34-35 Microprocessor Interfaces, 73-74 Modifications for Low Power, 80-81 Monitoring the Bus, 43 Multiline Responses, 39-40 N NMEA 2000 Standard, 55 NO DATA, 24, 28, 30, 42, 45, 48, 51, 66, 83 Number of Responses, J1939, 52 OBDII 30, 48 O OBD Commands, 28 OBD Message Formats, 34-35 Order, Restoring, 45 Ordering Information, 84 Outline Diagrams, 85 Overview, 9 P Periodic (Wakeup) messages, 56 Pin Descriptions, 4-6 Pin 28, resetting Prog Parameters, 66 Power Control, Description, 62-64 Modifications, 80-81 Programmable Parameters, general, 65-66 reset with pin 28, 66 Summary, 66-70 types, 66 Protocols, Selecting, 33-34 Q Quick Guide for Reading Trouble Codes, 32 R Reading the Battery Voltage, 27 Reading Trouble Codes, Quick Guide for, 32 Resetting, Prog Parameters, 66 Trouble Codes, 32 Responses, Multiline, 39-40 Restoring Order, 45 RS232 Baud Rates, Using Higher, 46-47 RX ERROR, 51, 83 S Selecting Protocols, 33-34 Setting the ID Bits (Headers), 36-37 Setting Timeouts (AT & ST commands), 48 Specify the Number of Responses, 30, 48, 52 STOPPED, 16, 43, 63, 83 Summary, AT Commands, 11-12 Programmable Parameters, 66-70 T Talking to the Vehicle, 29-30 Timeouts (AT & ST commands), 48 Trouble Codes, Interpreting, 31 Resetting, 32 U UNABLE TO CONNECT, 83 Unused pins, 6 Using J1939, 51-54 Using CAN Extended Addresses, 58 Using Higher RS232 Baud Rates, 46-47 V Voltage, Reading the Battery, 27 W Periodic (Wakeup) Messages, 56 87 of 87 ELM329L ELM329L DSA Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com |