| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2CL74A Datasheet(PDF) 1 Page - American Microsemiconductor |
|
|
|||||||||||||||||||||||||||||
2CL74A Datasheet(HTML) 1 Page - American Microsemiconductor |
|
1 / 4 page ![]() 2CL Series High Voltage Rectifier Series A d v a n c i n g t h e S e m i c o n d u c t o r I n d u s t r y S i n c e 1 9 7 2 © 2013 American Microsemiconductor, Inc. Specifications are subject to change without notice. Aerospace Mgmt. Sys. Cert. AS/EN/JISQ9100:2009 Rev. C ISO9001:2008 Cert No. 45325 133 Kings Road, Madison, New Jersey 07940 United States of America Tel. 1-973-377-9566, Fax. 1-973-377-3078 www.americanmicrosemi.com Document Page 1 of 4 Revised 06/2013 PRODUCT ABSTRACT 2CL is a diverse series of high frequency, high voltage rectifiers designed for prolonged use at high power and temperature. The 2CL is notable for its avalanche breakdown protection in addition to a low leakage current and fast recovery time. Each semiconductor comes in an axial epoxy resin package that is heat resistant to temperatures up to one hundred-fifty degrees Celsius and down to negative forty Celsius. Applications include x-ray generators, induction heaters, transmitter power supplies, and so on. SERIES DIMENSIONAL DATA Series Type A ΦB C ΦD 2CL70 8 3 25.0 Min 0.6± 2CL71 8 3 25.0 Min 0.6± 2CL72 10 3 25.0 Min 0.6± 2CL73 10 3 25.0 Min 0.6± 2CL74 10 3 25.0 Min 0.6± 2CL75 12 3 25.0 Min 0.6± 2CL77 12 3 25.0 Min 0.6± 2CL70A 6.5 2.5 25.0 Min 0.6± 2CL71A 6.5 2.5 25.0 Min 0.6± 2CL72A 10 2.5 25.0 Min 0.6± 2CL73A 10 2.5 25.0 Min 0.6± 2CL75A 10 2.5 25.0 Min 0.6± 2CL01-09 22 7.5 25.0 Min 0.6± 2CL01-12 22 7.5 25.0 Min 0.6± 2CL04-12 22 7.5 25.0 Min 0.6± 2CL01-12A 22 7.5 25.0 Min 0.6± 2CL04-12A 22 7.5 25.0 Min 0.6± 2CL15KV/20mA 12 3 25.0 Min 0.6± 2CL18KV/20mA 12 3 25.0 Min 0.6± 2CL20KV/20mA 12 3 25.0 Min 0.6± 2CL25KV/20mA 12 3 25.0 Min 0.6± 2CL15KV/30mA 12 3 25.0 Min 0.6± 2CL18KV/30mA 12 3 25.0 Min 0.6± 2CL20KV/30mA 12 3 25.0 Min 0.6± 2CL25KV/30mA 12 3 25.0 Min 0.6± 2CL0508 15 4.5 25.0 Min 0.8± 2CL0510 15 4.5 25.0 Min 0.8± 2CL0512 15 4.5 25.0 Min 0.8± 2CL0515 15 4.5 25.0 Min 0.8± 2CL0518 15 4.5 25.0 Min 0.8± 2CL0520 15 4.5 25.0 Min 0.8± 2CL0508 15 4.5 25.0 Min 0.8± 2CL0510 15 4.5 25.0 Min 0.8± 2CL0512 15 4.5 25.0 Min 0.8± 2CL0515 15 4.5 25.0 Min 0.8± 2CL0518 15 4.5 25.0 Min 0.8± 2CL0520 15 4.5 25.0 Min 0.8± 2CL10-04 6.5 2.5 25.0 Min 0.8± 6.5 2.5 25.0 Min 0.8± 15 4.5 25.0 Min 0.8± 15 4.5 25.0 Min 0.8± 15 4.5 25.0 Min 0.8± 15 4.5 25.0 Min 0.8± 15 4.5 25.0 Min 0.8± 2CL10-06 2CL10-08 2CL10-10 2CL10-12 2CL10-15 2CL10-08 Image displayed for illustrative purposes only. The 2CL series can be ordered from our company with quick- release crimps. Please add –QR to the end of the part number. Notes: All dimensions in millimeters. B & D are ±0.03. |
Número de pieza similar - 2CL74A |
|
Descripción similar - 2CL74A |