Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM35H Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza LM35H
Descripción Electrónicos  Precision Centigrade Temperature Sensors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM35H Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM35H Datasheet HTML 1Page - National Semiconductor (TI) LM35H Datasheet HTML 2Page - National Semiconductor (TI) LM35H Datasheet HTML 3Page - National Semiconductor (TI) LM35H Datasheet HTML 4Page - National Semiconductor (TI) LM35H Datasheet HTML 5Page - National Semiconductor (TI) LM35H Datasheet HTML 6Page - National Semiconductor (TI) LM35H Datasheet HTML 7Page - National Semiconductor (TI) LM35H Datasheet HTML 8Page - National Semiconductor (TI) LM35H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagrams
TO-46
Metal Can Package*
DS005516-1
*Case is connected to negative pin (GND)
Order Number LM35H, LM35AH, LM35CH, LM35CAH or
LM35DH
See NS Package Number H03H
TO-92
Plastic Package
DS005516-2
Order Number LM35CZ,
LM35CAZ or LM35DZ
See NS Package Number Z03A
SO-8
Small Outline Molded Package
DS005516-21
N.C. = No Connection
Top View
Order Number LM35DM
See NS Package Number M08A
TO-220
Plastic Package*
DS005516-24
*Tab is connected to the negative pin (GND).
Note:
The LM35DT pinout is different than the discontinued LM35DP.
Order Number LM35DT
See NS Package Number TA03F
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13