| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ABS24G-ABS-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ABS24G-ABS-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD ABS22 THRU ABS210 SCHOTTKY BRIDGE DIODE www.unisonic.com.tw 1 of 3 Copyright © 2016 Unisonic Technologies Co., Ltd QW-R202-064 .A 2.0A SCHOTTKY BRIDGE RECTIFIER DESCRIPTION The UTC ABS22 THRU ABS210 is a schottky bridge rectifier, it uses UTC’s advanced technology to provide customers with high surge current capability and low forward voltage drop, etc. The UTC ABS22 THRU ABS210 is suitable for surface mount application. FEATURES * Glass passivated die construction * Low forward voltage drop * High current capability * High surge current capability * Designed for surface mount application SYMBOL ABS - + ORDERING INFORMATION Ordering Number Package Packing ABS22G-ABS-R ABS Tape Reel ABS24G-ABS-R ABS Tape Reel ABS26G-ABS-R ABS Tape Reel ABS28G-ABS-R ABS Tape Reel ABS210G-ABS-R ABS Tape Reel MARKING |
Número de pieza similar - ABS24G-ABS-R |
|
Descripción similar - ABS24G-ABS-R |