Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIF0605A1R0MN Datasheet(PDF) 3 Page - Superworld Electronics

No. de pieza PIF0605A1R0MN
Descripción Electrónicos  High Current Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIF0605A1R0MN Datasheet(HTML) 3 Page - Superworld Electronics

  PIF0605A1R0MN Datasheet HTML 1Page - Superworld Electronics PIF0605A1R0MN Datasheet HTML 2Page - Superworld Electronics PIF0605A1R0MN Datasheet HTML 3Page - Superworld Electronics PIF0605A1R0MN Datasheet HTML 4Page - Superworld Electronics PIF0605A1R0MN Datasheet HTML 5Page - Superworld Electronics PIF0605A1R0MN Datasheet HTML 6Page - Superworld Electronics PIF0605A1R0MN Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
High Current Power Inductor– PIF0605A Series
Proprietary and Confidential
Document of Superworld
04/05/2016
P3
6. Electrical Characteristics:
*Tolerance code : M = ±20%
Notes:
1) Isat Typ. and Irms Typ. value is derived based from accounting the upper limit tolerance into the inductance value.
2) At all times, the current supplied to the product should not exceed Isat Max. value.
Part Number
Inductance(uH)
±20% @ 0 A
I rms(A) Typ.
I sat(A)
DCR
(mΩ) Typ.
DCR
(mΩ) Max.
@20
@40
Typ.
Max.
PIF0605A1R0MN
1.00
15
20
23.0
18.0
4.1
4.52
PIF0605A1R2MN
1.20
14
18
22.0
16.0
5.3
5.83
PIF0605A1R5MN
1.50
13
17
19.5
14.5
5.7
6.3
PIF0605A1R8MN
1.80
12
16
18.5
13.5
6.4
7.1
PIF0605A2R2MN
2.20
10
13
16.0
12.0
7.7
8.5
PIF0605A3R3MN
3.30
8.5
11
12.5
10.0
11.2
12.5
PIF0605A4R3MN
4.30
7.0
9.0
11.0
8.5
15.1
16.2
PIF0605A4R7MN
4.70
6.5
8.5
10.5
8.0
16.7
18.4



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com