| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L7905C Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7905C Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 16 page ![]() L7900 SERIES 6/16 ELECTRICAL CHARACTERISTICS OF L7915C (refer to the test circuits, TJ = 0 to 125°C, VI = -23V, IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. ELECTRICAL CHARACTERISTICS OF L7918C (refer to the test circuits, TJ = 0 to 125°C, VI = -27V, IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C -14.4 -15 -15.6 V VO Output Voltage IO =-5mAto -1A PO ≤ 15 W VI = -18.5 to -30 V -14.3 -15 -15.7 V ∆V O(*) Line Regulation VI = -17.5 to -30 V TJ = 25°C 300 mV VI = -20 to -26 V TJ = 25°C 150 ∆V O(*) Load Regulation IO =5mAto 1.5 A TJ = 25°C 300 mV IO = 250 to 750 mA TJ = 25°C 150 Id Quiescent Current TJ = 25°C 3 mA ∆I d Quiescent Current Change IO =5mAto 1 A 0.5 mA VI = -18.5 to -30 V 1 ∆V O/∆T Output Voltage Drift IO = 5 mA -0.9 mV/°C eN Output Noise Voltage B = 10Hz to 100KHz TJ = 25°C 250 µV SVR Supply Voltage Rejection ∆V I = 10 V f = 120Hz 54 60 dB Vd Dropout Voltage IO =1A TJ = 25°C ∆V O = 100 mV 1.1 V Isc Short Circuit Current 1.3 A Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C -17.3 -18 -18.7 V VO Output Voltage IO =-5mAto -1A PO ≤ 15 W VI = -22 to -33 V -17.1 -18 -18.9 V ∆V O(*) Line Regulation VI = -21 to -33 V TJ = 25°C 360 mV VI = -24 to -30 V TJ = 25°C 180 ∆V O(*) Load Regulation IO =5mAto 1.5 A TJ = 25°C 360 mV IO = 250 to 750 mA TJ = 25°C 180 Id Quiescent Current TJ = 25°C 3 mA ∆I d Quiescent Current Change IO =5mAto 1 A 0.5 mA VI = -22 to -33 V 1 ∆V O/∆T Output Voltage Drift IO = 5 mA -1 mV/°C eN Output Noise Voltage B = 10Hz to 100KHz TJ = 25°C 300 µV SVR Supply Voltage Rejection ∆V I = 10 V f = 120Hz 54 60 dB Vd Dropout Voltage IO =1A TJ = 25°C ∆V O = 100 mV 1.1 V Isc Short Circuit Current 1.1 A |