Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGAP1AS Datasheet(PDF) 43 Page - STMicroelectronics

No. de pieza STGAP1AS
Descripción Electrónicos  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 39Page - STMicroelectronics STGAP1AS Datasheet HTML 40Page - STMicroelectronics STGAP1AS Datasheet HTML 41Page - STMicroelectronics STGAP1AS Datasheet HTML 42Page - STMicroelectronics STGAP1AS Datasheet HTML 43Page - STMicroelectronics STGAP1AS Datasheet HTML 44Page - STMicroelectronics STGAP1AS Datasheet HTML 45Page - STMicroelectronics STGAP1AS Datasheet HTML 46Page - STMicroelectronics STGAP1AS Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
DocID029344 Rev 2
43/70
STGAP1AS
Functional description
70
7.15
Register corruption protection
All the configuration registers are protected against content corruption.
If the value of a local register is changed without a proper command is received (WriteReg,
ResetStatus
or GlobalReset), the REGERRL flag is set low and the device is forced in “safe
state”.
If the value of a remote register is changed without a proper command is received
(WriteReg or GlobalReset), the REGERRR flag is set low and the device is forced in “safe
state”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70