Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1490357-2 Datasheet(PDF) 5 Page - Tyco Electronics

No. de pieza 1490357-2
Descripción Electrónicos  Depress the upper release button located in the C?밾ead and slide the nest into place.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

1490357-2 Datasheet(HTML) 5 Page - Tyco Electronics

  1490357-2 Datasheet HTML 1Page - Tyco Electronics 1490357-2 Datasheet HTML 2Page - Tyco Electronics 1490357-2 Datasheet HTML 3Page - Tyco Electronics 1490357-2 Datasheet HTML 4Page - Tyco Electronics 1490357-2 Datasheet HTML 5Page - Tyco Electronics 1490357-2 Datasheet HTML 6Page - Tyco Electronics 1490357-2 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
408-8704
Crimping Die Assemblies
5 of 7
Rev A
Tyco Electronics Corporation
Figure 7
4
WireSize
Stamped
Here
ACCEPT
4
4
2
4
4
2
3
6
3
5
2
5
1
3
4
REJECT
8
4
1
4
2
5
10
3
WireSize
Stamped
Here 4
9
9
4
5
6
10
8
4
2
10
4
7
WireSize
Stamped
Here
WireSize
Stamped
Here
WireSize
Stamped
Here
1
2
3
4
5
6
End of wire conductor is flush with or extends beyond edge of
terminal wire barrel a maximum of 1.60 mm [.063 in.].
Wire fully inserted.
Crimp centered on wire barrel.
Wiresizeis thesameas wiresizestamped on terminal
tongue, splice body, and wire barrel.
Proper color code, wire size, and tooling combination used.
Wireconductors butted against wirestop, or flush with or
extended slightly beyond edge of splice wire barrel.
1
2
3
4
5
6
End of wire conductor not flush with or extending slightly
beyond end of terminal wire barrel.
Wire not inserted fully or wrong strip length used.
Crimp not centered on terminal wire barrel. Terminal wire
barrel was not butted against locator when crimped.
Wiresizenot thesameas wiresizestamped on terminal
tongue, splice body, and wire barrel.
Wrong color code, wire size, and tooling combination used.
End of wireconductor not visible. Conductor did not butt
against wire stop, or was not flush with or extended slightly
beyond splicewirebarrel.
7
8
9
10
Crimp not centered on splice wire barrel. Edge of window
indent did not butt against locator when crimped.
Nicked or missing wire strands.
Splice was reversed in die (locator was not oriented with
window indent) when crimped.
Excessive flash" or extruded wire insulation (die was either
damaged or incompatible when crimped).
4. Inspect the crimp area for flattened, chipped,
cracked, worn, or broken areas. If damage is
evident, the dies must be repaired before returning
them to service (see Section 7, REPLACEMENT
AND REPAIR).
6.3. Gaging the Crimping Chamber
The die closure inspection is accomplished using plug
gages. A suggested gage design and the GO and
NO–GO diameters of the plug gage elements are
shown in Figure 8. The following procedure is
recommended for inspecting the die closures.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com