Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MLX90288 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

No. de pieza MLX90288
Descripción Electrónicos  SMD Programmable Linear Hall Sensor IC Featuring Analog Ratiometric Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MELEXIS [Melexis Microelectronic Systems]
Página de inicio  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90288 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX90288 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MLX90288
SMD Programmable Linear Hall Sensor IC
Featuring Analog Ratiometric Output
3901090288
Page 3 of 19
Rev 002
May/12
3 General Description
The MLX90288 is a cost-effective monolithic programmable linear Hall sensor which provides an analog
ratiometric output signal proportional to the magnetic flux density that is applied perpendicular to the die
surface. The MLX90288 is fully programmable (offset, sensitivity, clamping levels, magnet temperature drift,
digital IIR filtering …) through the connector, using the PTC-04 programming tool. It supports both linear and
quadratic magnet TC compensation.
4 Glossary of Terms
Tesla (T)
Unit for the magnetic flux density, 1 mT = 10 Gauss
TC
Temperature Coefficient (in ppm/°C)
IC
Integrated Circuit
SMD
Surface Mounted Device
N/C
Not Connected
ADC
Analog-to-Digital Converter
DAC
Digital-to-Analog Converter
PTC
Programming Through Connector
ECU
Engine Control Unit
POR
Power on Reset
INL
Integral Non Linearity
DNL
Differential Non Linearity
CRC
Cyclic Redundancy Check
ESD
Electro-Static Discharge
EMC
Electro-Magnetic Compatibility
OBD
On-Board Diagnostics
5 Specification
5.1 Absolute Maximum Ratings
Item
Symbol
Rating
Supply Forward-Voltage
VDDFWD
+ 30 V (continuous)
(Breakdown at + 40 V)
Supply Forward-Current
IDDFWD
+ 20 mA
Supply Reverse-Voltage
VDDREV
– 14.5 V (continuous)
(Breakdown at – 19 V)
Supply Reverse-Current
IDDREV
– 2 mA
Output Forward-Voltage
VOUTFWD
+ 18 V
Output Forward-Current
IOUTFWD
– 60 mA
Output Reverse-Voltage
VOUTREV
– 14 V
Output Reverse-Current
IOUTREV
+ 20 mA
Storage Temperature Range (Non Operating)
TS
-55°C to +165°C
Operating Ambient Temperature Range
TA
-40°C to +150°C
Junction Temperature
TJ
+165°C
Package Thermal Resistance
RTH
100 K/W
Maximum Flux Density
BMAX
2T
Table 1: Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com