Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

USB2244II-AEZG Datasheet(PDF) 12 Page - Microchip Technology

No. de pieza USB2244II-AEZG
Descripción Electrónicos  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244II-AEZG Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB2244II-AEZG Datasheet HTML 8Page - Microchip Technology USB2244II-AEZG Datasheet HTML 9Page - Microchip Technology USB2244II-AEZG Datasheet HTML 10Page - Microchip Technology USB2244II-AEZG Datasheet HTML 11Page - Microchip Technology USB2244II-AEZG Datasheet HTML 12Page - Microchip Technology USB2244II-AEZG Datasheet HTML 13Page - Microchip Technology USB2244II-AEZG Datasheet HTML 14Page - Microchip Technology USB2244II-AEZG Datasheet HTML 15Page - Microchip Technology USB2244II-AEZG Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
USB224X
DS00001979A-page 12
 2010 - 2015 Microchip Technology Inc.
TABLE 5-3:
USB2244/2244I 36-PIN QFN PACKAGE
SD/MMC INTERFACE (12 Pins)
SD_D0
SD_D1
SD_D2
SD_D3
SD_D4
SD_D5
SD_D6
SD_D7
SD_CLK
SD_CMD
SD_WP
SD_nCD
USB INTERFACE (5 PINS)
USB+
USB-
XTAL1 (CLKIN)
XTAL2
RBIAS
MISC (13 PINS)
LED
RXD /
SDA
NC
TXD /
SCK
CRD_PWR
NC
NC
(4) NC
TEST
RESET_N
DIGITAL, POWER (6 PINS)
(3)VDD33
VDDA33
VDD18
VDD18PLL
TOTAL 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43