Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS29F010 Datasheet(PDF) 21 Page - Micross Components

No. de pieza AS29F010
Descripción Electrónicos  Flexible sector architecture
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSS [Micross Components]
Página de inicio  http://www.micross.com
Logo MICROSS - Micross Components

AS29F010 Datasheet(HTML) 21 Page - Micross Components

Back Button AS29F010 Datasheet HTML 17Page - Micross Components AS29F010 Datasheet HTML 18Page - Micross Components AS29F010 Datasheet HTML 19Page - Micross Components AS29F010 Datasheet HTML 20Page - Micross Components AS29F010 Datasheet HTML 21Page - Micross Components AS29F010 Datasheet HTML 22Page - Micross Components AS29F010 Datasheet HTML 23Page - Micross Components AS29F010 Datasheet HTML 24Page - Micross Components AS29F010 Datasheet HTML 25Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
FLASH
AS29F010
Micross Components reserves the right to change products or specifications without notice.
21
AS29F010
Rev. 2.6 11/10
MECHANICAL DEFINITIONS*
Micross Case (Package Designator F)
SMD 5962-96690, Case Outline T
*All measurements are in inches.
MIN
MAX
A
---
0.125
b
0.015
0.019
C
0.004
0.007
D
0.810
0.830
D1
0.745
0.755
E
0.405
0.415
E1
0.305
0.315
E2
e
L
0.380
0.420
Q
0.022
0.028
SYMBOL
SMD SPECIFICATIONS
0.050 TYP
0.050 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26