Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS8FLC2M32 Datasheet(PDF) 25 Page - Micross Components

No. de pieza AS8FLC2M32
Descripción Electrónicos  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSS [Micross Components]
Página de inicio  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 25 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 21Page - Micross Components AS8FLC2M32 Datasheet HTML 22Page - Micross Components AS8FLC2M32 Datasheet HTML 23Page - Micross Components AS8FLC2M32 Datasheet HTML 24Page - Micross Components AS8FLC2M32 Datasheet HTML 25Page - Micross Components AS8FLC2M32 Datasheet HTML 26Page - Micross Components AS8FLC2M32 Datasheet HTML 27Page - Micross Components AS8FLC2M32 Datasheet HTML 28Page - Micross Components AS8FLC2M32 Datasheet HTML 29Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
25
Mechanical Drawings
Micross Components
[Package Designator Q]
D
D1
D2
b
e
B
L1
R
A2
E
Detail A
Detail A
Package Specifications
Symbol
Max
A
A2
B
b
D
D1
D2
E
e
R
L1
Dimensions in Inches
Min
0.120
0.140
0.005
0.015
0.010 REF
0.800 BSC
0.050 BSC
0.010 TYP
0.013
0.017
0.870
0.890
0.980
0.936
1.000
0.956
0.035
0.045
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29