Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VN7003AH Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza VN7003AH
Descripción Electrónicos  High-side driver with CurrentSense analog feedback for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7003AH Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VN7003AH Datasheet HTML 28Page - STMicroelectronics VN7003AH Datasheet HTML 29Page - STMicroelectronics VN7003AH Datasheet HTML 30Page - STMicroelectronics VN7003AH Datasheet HTML 31Page - STMicroelectronics VN7003AH Datasheet HTML 32Page - STMicroelectronics VN7003AH Datasheet HTML 33Page - STMicroelectronics VN7003AH Datasheet HTML 34Page - STMicroelectronics VN7003AH Datasheet HTML 35Page - STMicroelectronics VN7003AH Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Package information
VN7003AH
32/37
DocID029238 Rev 4
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
Octapak package information
Figure 40: Octapak package dimensions
Table 17: Octapak mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
2.20
2.30
2.40
A1
0.90
1.00
1.10
A2
0.03
0.15
b
0.38
0.45
0.52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37