Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VN7004CLH Datasheet(PDF) 33 Page - STMicroelectronics

No. de pieza VN7004CLH
Descripción Electrónicos  High-side driver with CurrentSense analog feedback for automotive applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004CLH Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VN7004CLH Datasheet HTML 28Page - STMicroelectronics VN7004CLH Datasheet HTML 29Page - STMicroelectronics VN7004CLH Datasheet HTML 30Page - STMicroelectronics VN7004CLH Datasheet HTML 31Page - STMicroelectronics VN7004CLH Datasheet HTML 32Page - STMicroelectronics VN7004CLH Datasheet HTML 33Page - STMicroelectronics VN7004CLH Datasheet HTML 34Page - STMicroelectronics VN7004CLH Datasheet HTML 35Page - STMicroelectronics VN7004CLH Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
VN7004CLH
Package information
DocID027770 Rev 5
33/36
Table 18: Reel dimensions
Description
Value(1)
Base quantity
2500
Bulk quantity
2500
A (max)
330
B (min)
1.5
C (+0.5, -0.2)
13
D
20.2
N
100
W1 (+2 /-0)
16.4
W2 (max)
22.4
Notes:
(1)All dimensions are in mm.
Figure 42: Octapak carrier tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36