Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F401CEU6 Datasheet(PDF) 53 Page - STMicroelectronics

No. de pieza STM32F401CEU6
Descripción Electrónicos  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401CEU6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32F401CEU6 Datasheet HTML 49Page - STMicroelectronics STM32F401CEU6 Datasheet HTML 50Page - STMicroelectronics STM32F401CEU6 Datasheet HTML 51Page - STMicroelectronics STM32F401CEU6 Datasheet HTML 52Page - STMicroelectronics STM32F401CEU6 Datasheet HTML 53Page - STMicroelectronics STM32F401CEU6 Datasheet HTML 54Page - STMicroelectronics STM32F401CEU6 Datasheet HTML 55Page - STMicroelectronics STM32F401CEU6 Datasheet HTML 56Page - STMicroelectronics STM32F401CEU6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 135 page
background image
Memory mapping
STM32F401xB STM32F401xC
53/135
DocID024738 Rev 6
APB1
0x4000 7000 - 0x4000 73FF
PWR
0x4000 6000 - 0x4000 6FFF
Reserved
0x4000 5C00 - 0x4000 5FFF
I2C3
0x4000 5800 - 0x4000 5BFF
I2C2
0x4000 5400 - 0x4000 57FF
I2C1
0x4000 4800 - 0x4000 53FF
Reserved
0x4000 4400 - 0x4000 47FF
USART2
0x4000 4000 - 0x4000 43FF
I2S3ext
0x4000 3C00 - 0x4000 3FFF
SPI3 / I2S3
0x4000 3800 - 0x4000 3BFF
SPI2 / I2S2
0x4000 3400 - 0x4000 37FF
I2S2ext
0x4000 3000 - 0x4000 33FF
IWDG
0x4000 2C00 - 0x4000 2FFF
WWDG
0x4000 2800 - 0x4000 2BFF
RTC & BKP Registers
0x4000 1000 - 0x4000 27FF
Reserved
0x4000 0C00 - 0x4000 0FFF
TIM5
0x4000 0800 - 0x4000 0BFF
TIM4
0x4000 0400 - 0x4000 07FF
TIM3
0x4000 0000 - 0x4000 03FF
TIM2
Table 10. STM32F401xB/STM32F401xC
register boundary addresses (continued)
Bus
Boundary address
Peripheral