| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F401CCU6 Datasheet(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CCU6 Datasheet(HTML) 71 Page - STMicroelectronics |
|
71 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 71/135 DocID024738 Rev 6 Table 32. Switching output I/O current consumption Symbol Parameter Conditions(1) 1. CS is the PCB board capacitance including the pad pin. CS = 7 pF (estimated value). I/O toggling frequency (fSW) Typ Unit IDDIO I/O switching current VDD = 3.3 V C = CINT(2) 2. This test is performed by cutting the LQFP100 package pin (pad removal). 2 MHz 0.05 mA 8 MHz 0.15 25 MHz 0.45 50 MHz 0.85 60 MHz 1.00 84 MHz 1.40 VDD = 3.3 V CEXT = 0 pF C = CINT + CEXT + CS 2 MHz 0.10 8 MHz 0.35 25 MHz 1.05 50 MHz 2.20 60 MHz 2.40 84 MHz 3.55 VDD = 3.3 V CEXT =10 pF C = CINT + CEXT + CS 2 MHz 0.20 8 MHz 0.65 25 MHz 1.85 50 MHz 2.45 60 MHz 4.70 84 MHz 8.80 VDD = 3.3 V CEXT = 22 pF C = CINT + CEXT + CS 2 MHz 0.25 8 MHz 1.00 25 MHz 3.45 50 MHz 7.15 60 MHz 11.55 VDD = 3.3 V CEXT = 33 pF C = CINT + CEXT + CS 2 MHz 0.32 8 MHz 1.27 25 MHz 3.88 50 MHz 12.34 |