Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F303XD Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza STM32F303XD
Descripción Electrónicos  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 28Page - STMicroelectronics STM32F303XD Datasheet HTML 29Page - STMicroelectronics STM32F303XD Datasheet HTML 30Page - STMicroelectronics STM32F303XD Datasheet HTML 31Page - STMicroelectronics STM32F303XD Datasheet HTML 32Page - STMicroelectronics STM32F303XD Datasheet HTML 33Page - STMicroelectronics STM32F303XD Datasheet HTML 34Page - STMicroelectronics STM32F303XD Datasheet HTML 35Page - STMicroelectronics STM32F303XD Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 173 page
background image
Functional overview
STM32F303xD STM32F303xE
32/173
DocID026415 Rev 5
Figure 3. Infrared transmitter
3.27
Touch sensing controller (TSC)
The STM32F303xD/E devices provide a simple solution for adding capacitive sensing
functionality to any application. These devices offer up to 24 capacitive sensing channels
distributed over 8 analog I/O groups.
Capacitive sensing technology is able to detect the presence of a finger near a sensor which
is protected from direct touch by a dielectric (glass, plastic, etc.). The capacitive variation
introduced by the finger (or any conductive object) is measured using a proven
implementation based on a surface charge transfer acquisition principle. It consists of
charging the sensor capacitance and then transferring a part of the accumulated charges
into a sampling capacitor until the voltage across this capacitor has reached a specific
threshold. To limit the CPU bandwidth usage this acquisition is directly managed by the
hardware touch sensing controller and only requires few external components to operate.
The touch sensing controller is fully supported by the STMTouch touch sensing firmware
library which is free to use and allows touch sensing functionality to be implemented reliably
in the end application.
Table 10. Capacitive sensing GPIOs available on STM32F303xD/E devices
Group
Capacitive sensing
signal name
Pin
name
- Group
Capacitive sensing
signal name
Pin
name
1
TSC_G1_IO1
PA0
-
5
TSC_G5_IO1
PB3
TSC_G1_IO2
PA1
TSC_G5_IO2
PB4
TSC_G1_IO3
PA2
TSC_G5_IO3
PB6
TSC_G1_IO4
PA3
TSC_G5_IO4
PB7
2
TSC_G2_IO1
PA4
6
TSC_G6_IO1
PB11
TSC_G2_IO2
PA5
TSC_G6_IO2
PB12
TSC_G2_IO3
PA6
TSC_G6_IO3
PB13
TSC_G2_IO4
PA7
TSC_G6_IO4
PB14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More